Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SCM
Description  Single/Dual IGBT Snubber Capacitor Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SCM Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SCM Datasheet HTML 1Page - Cornell Dubilier Electronics SCM Datasheet HTML 2Page - Cornell Dubilier Electronics SCM Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type SCM Single/Dual IGBT Snubber Capacitor Modules
High Peak Current Snubber with Integrated Hyperfast Diode
Part Numbering System
SCM
105
K
122
H1
N
24
–F
Series Type
Capacitance
Tolerance
Voltage
Diode
Polarity
Lug
RoHS
Designation
in pF
Code
Rating
Spacing
Compliant
Indicator
104=0.1 µF
J = ±5%
601 = 600 Vdc
N or P Type
24=24mm
105=1 µF
K = ±10%
122 = 1200 Vdc
28=28mm
225=2.2 µF
202 = 2000 Vdc
29=29mm
Ratings
Note: Other ratings, sizes and performance specifcation available upon request. Contact us.
Catalog
Part Number
Typical Application
Diode Characteristics
IGBT Module
Ipk
Ipk
Dimensions
Cap S=Single
Ic
Vce
Vrrm
If
Trr
surge rep
W
L
H
P
(µF) D=Dual
(A)
(V)
Type
(V)
(A)
(µs)
(A)
(A) (mm) (mm) (mm) (mm)
SCM474K601H7N29-F
SCM474K601H7P29-F
SCM105K601H7N24-F
0.47
S
200–300
600
N
600
30 0.040
300
70
43.82 55.88 34.04
29
0.47
S
200–300
600
P
600
30 0.040
300
70
43.82 55.88 34.04
29
1.00
D
100–200
600
N
600
30 0.040
300
70
38.10 47.63 31.75
24
SCM105K601H7P24-F
SCM105K601H5N29-F
SCM105K601H5P29-F
1.00
D
100–200
600
P
600
30 0.040
300
70
38.10 47.63 31.75
24
1.00
S
300–400
600
N
600
50 0.045
500
100 46.36 56.52 38.10
29
1.00
S
300–400
600
P
600
50 0.045
500
100 46.36 56.52 38.10
29
SCM155K601H7N24-F
SCM155K601H7P24-F
SCM205K601H5N24-F
1.50
D
200–300
600
N
600
30 0.040
300
70
34.29 55.88 30.48
24
1.50
D
200–300
600
P
600
30 0.040
300
70
38.10 47.63 31.75
24
2.00
D
300–400
600
N
600
50 0.045
500
100 43.82 55.88 34.04
24
SCM205K601H5P24-F
SCM205K601H2N29-F
SCM205K601H2P29-F
2.00
D
300–400
600
P
600
50 0.045
500
100 43.82 55.88 34.04
24
2.00
S
400–600
600
N
600 100 0.050
1000
200 46.36 56.52 38.10
29
2.00
S
400–600
600
P
600 100 0.050
1000
200 46.36 56.52 38.10
29
SCM474K122H8N29-F
SCM474K122H8P29-F
SCM105K122H8N24-F
0.47
S
200–300 1200
N
1200 30 0.065
300
60
34.29 55.88 30.48
29
0.47
S
200–300 1200
P
1200 30 0.065
300
60
38.10 47.63 31.75
29
1.00
D
100–200 1200
N
1200 30 0.065
300
60
44.45 63.50 37.34
24
SCM105K122H8P24-F
SCM105K122H4N29-F
SCM105K122H4P29-F
1.00
D
100–200 1200
P
1200 30 0.065
300
60
44.45 63.50 37.34
24
1.00
S
300–400 1200
N
1200 50 0.085
500
100 43.82 55.88 34.04
29
1.00
S
300–400 1200
P
1200 50 0.085
500
100 46.36 56.52 38.10
29
SCM155K122H8N24-F
SCM155K122H8P24-F
SCM205K122H4N24-F
1.50
D
200–300 1200
N
1200 30 0.065
300
60
44.45 63.50 37.34
24
1.50
D
200–300 1200
P
1200 30 0.065
300
60
46.36 56.52 38.10
24
2.00
D
300–400 1200
N
1200 50 0.065
500
100 53.98 63.50 43.18
24
SCM205K122H4P24-F
SCM205K122H1N29-F
SCM205K122H1P29-F
2.00
D
300–400 1200
P
1200 50 0.065
500
100 53.98 63.50 43.18
24
2.00
S
400–600 1200
N
1200 100 0.090
1000
200 53.98 63.50 43.18
29
2.00
S
400–600 1200
P
1200 100 0.090
1000
200 53.98 63.50 43.18
29
Ipk surge at 25 °C and Ipk repetitive at 25 °C and 20 kHz.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com