Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS351DR-HD6025 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # HS351DR-HD6025
Description  DIN Rail Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

HS351DR-HD6025 Datasheet(HTML) 2 Page - Crydom Inc.,

  HS351DR-HD6025 Datasheet HTML 1Page - Crydom Inc., HS351DR-HD6025 Datasheet HTML 2Page - Crydom Inc., HS351DR-HD6025 Datasheet HTML 3Page - Crydom Inc., HS351DR-HD6025 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
THERMAL DERATE INFORMATION
Rev. 110411
Agency Approvals
20
15
10
5
20
40
30
50
60
70
80
0
HS351DR w/25 A SSR
Ambient Temperature (ºC)
Designed in accordance with the requirements of IEC 62314
Agency approvals are for relay only.
E116949 (D2425) E116950 (HD6025)
LR81689
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
10143
2.11[53.6]
3.17[80.5]
1.77
[45.0]
1.78 [45.0]
3.19 [81.0]
3.82 [97.0]
1.88 [47.7]
New Din-Rail Bracket
1.03 [26.2]
2X Ø 0.18 [Ø4.5]
3.52 [89.4]
2X 6-32 UNC - 2B
TAP .260



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com