Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC4083 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC4083
Description  1000 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC4083 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC4083 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC4083 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Gain vs Temperature Vcc = 5
20.0
19.0
18.0
17.0
16.0
15.0
Noise Figure Vcc = 5 & 8
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point Vcc = 5
5.0
4.0
3.0
2.0
FREQUENCY - GHz
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
60
50
40
30
20
10
FREQUENCY - GHz
18.0
16.0
14.0
12.0
10.0
8.0
6.0
FREQUENCY - GHz
0.5
.75
0.8
1.0
2.0
2.5
3.0
3.5
4.0
4.2
Intercept Point Vcc = 8
FREQUENCY - GHz
2nd HAR
IP 3
IP 2
70
60
50
40
30
20
10
+8 V
+5 V
Model: AC4083
Vcc= +5V
Icc= 26.44
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
500
1.43
2.54
15.64
29
0.70
-41.2
700
1.28
1.82
17.14
-10
0.51
-40.5
900
1.22
1.46
17.94
-43
0.43
-40.0
1000
1.26
1.34
18.20
-57
0.40
-39.7
1200
1.34
1.19
18.52
-85
0.39
-39.8
1400
1.46
1.16
18.61
-110
0.35
-39.7
1600
1.45
1.17
18.76
-135
0.34
-40.2
1800
1.47
1.20
18.87
-159
0.34
-40.7
2000
1.53
1.25
18.78
177
0.33
-41.0
2200
1.48
1.23
18.62
154
0.32
-41.7
2400
1.40
1.21
18.60
132
0.31
-41.9
2600
1.36
1.19
18.45
110
0.30
-40.8
2800
1.30
1.19
18.29
89
0.30
-39.8
3000
1.30
1.20
18.28
67
0.30
-38.0
3200
1.24
1.25
18.43
45
0.31
-37.0
3400
1.07
1.33
18.52
22
0.32
-35.8
3600
1.11
1.43
18.38
-2
0.34
-34.6
3800
1.04
1.58
18.17
-27
0.35
-33.6
4000
1.10
1.70
18.10
-51
0.33
-32.5
4200
1.12
1.74
17.76
-77
0.36
-31.8
LINEAR S-PARAMETERS
Model: AC4083
Vcc= +5V
Icc= 26.44
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
500
0.18
-96.1
6.05
29.2
0.009
41.8
0.43
123.8
700
0.12
-85.4
7.19
-10.4
0.009
24.0
0.29
97.5
900
0.10
-78.9
7.89
-42.6
0.010
13.9
0.19
81.2
1000
0.11
-84.1
8.13
-57.1
0.010
7.7
0.14
77.2
1200
0.14
-88.0
8.44
-85.0
0.010
-3.8
0.09
83.2
1400
0.19
-100.2
8.52
-110.4
0.010
-17.5
0.07
94.9
1600
0.18
-115.6
8.67
-134.8
0.010
-33.7
0.08
105.0
1800
0.19
-135.9
8.78
-159.0
0.009
-47.5
0.09
104.4
2000
0.21
-152.0
8.68
177.4
0.009
-66.5
0.11
98.3
2200
0.19
-169.0
8.53
154.3
0.008
-87.8
0.10
80.4
2400
0.17
-169.6
8.51
132.2
0.008
-105.3
0.09
59.8
2600
0.15
159.0
8.37
110.5
0.009
-122.4
0.09
34.6
2800
0.13
136.6
8.21
89.0
0.010
-138.4
0.09
2.2
3000
0.13
141.1
8.20
67.4
0.013
-151.6
0.09
-29.6
3200
0.11
141.5
8.34
45.3
0.014
-163.0
0.11
-59.4
3400
0.03
164.5
8.44
22.0
0.016
-171.2
0.14
-86.4
3600
0.05
170.8
8.30
-2.2
0.019
-179.0
0.18
-104.4
3800
0.02
165.9
8.10
-27.3
0.021
172.5
0.22
-123.3
4000
0.05
167.4
8.04
-50.7
0.024
164.3
0.26
-140.2
4200
0.06
84.4
7.73
-76.9
0.026
157.2
0.27
-156.5
4400
0.10
48.4
7.00
-106.8
0.028
150.1
0.26
-166.3
Model: AC4083
Vcc= +8V
Icc= 29.10
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
500
1.39
2.55
16.09
31
0.71
-40.6
700
1.22
1.85
17.59
-10
0.52
-39.4
900
1.19
1.50
18.34
-42
0.44
-39.2
1000
1.23
1.38
18.57
-57
0.41
-39.1
1200
1.33
1.23
18.83
-85
0.39
-39.2
1400
1.46
1.17
18.87
-110
0.35
-39.5
1600
1.44
1.13
18.99
-134
0.33
-40.1
1800
1.46
1.11
19.06
-158
0.33
-41.1
2000
1.52
1.11
18.97
179
0.32
-41.1
2200
1.46
1.09
18.80
156
0.31
-41.6
2400
1.38
1.07
18.73
134
0.3
-41.8
2600
1.33
1.07
18.66
113
0.3
-40.6
2800
1.27
1.11
18.61
92
0.29
-39.8
3000
1.29
1.16
18.62
71
0.30
-38.1
3200
1.28
1.23
18.77
48
0.31
-37.2
3400
1.16
1.31
18.90
25
0.32
-36.2
3600
1.22
1.39
18.87
2
0.33
-35.4
3800
1.15
1.50
18.73
-24
0.35
-34.5
4000
1.19
1.61
18.73
-48
0.34
-33.5
4200
1.24
1.63
18.35
-75
0.37
-32.8
AC4083
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
417



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com