Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCN11458 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN11458
Description  ~30째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN11458 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN11458 Datasheet HTML 1Page - Ledil, Inc. FCN11458 Datasheet HTML 2Page - Ledil, Inc. FCN11458 Datasheet HTML 3Page - Ledil, Inc. FCN11458 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCN11458_LR1-M2
LR1-M2
~30° medium beam optimized for LUXEON
Rebel. 14.3 mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
glue
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1632 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LR1-M2
Lens
PMMA
clear
LR-LH1
Holder
PC
white
Last update: 01/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCN11458

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11454 CREE-FCN11454 Datasheet
67Kb / 2P
Leila series
logo
Ledil, Inc.
FCN11455 LEDIL-FCN11455 Datasheet
2Mb / 4P
~30째 medium beam optimized for Seoul P4. 14.7 mm high assembly.
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
Leila series
logo
Ledil, Inc.
FCN11459 LEDIL-FCN11459 Datasheet
1,021Kb / 3P
~30째 medium beam optimized for CREE XR-E. 16.5 mm high assembly.
More results

Similar Description - FCN11458

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCX10851 LEDIL-FCX10851 Datasheet
2Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. Assembly with white holder.
FCN11738 LEDIL-FCN11738 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10803 LEDIL-FCN10803 Datasheet
1Mb / 3P
~25째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10805 LEDIL-FCN10805 Datasheet
1Mb / 3P
~35째 x 25째 rectangular beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10806 LEDIL-FCN10806 Datasheet
1Mb / 4P
~14째 diffused spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10890 LEDIL-FCN10890 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN11106 LEDIL-FCN11106 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for LUXEON Rebel. 14.3 mm high assembly
CX11354 LEDIL-CX11354 Datasheet
4Mb / 4P
~30째 medium beam optimized for LUXEON Rebel
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
~30째 wide beam optimized for LUXEON Rebel ES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com