Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN16358 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN16358
Description  IESNA Type IV light distribution for wider roads and large outdoor areas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN16358 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN16358 Datasheet HTML 1Page - Ledil, Inc. FN16358 Datasheet HTML 2Page - Ledil, Inc. FN16358 Datasheet HTML 3Page - Ledil, Inc. FN16358 Datasheet HTML 4Page - Ledil, Inc. FN16358 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FN16358_STELLA-G2-T4
STELLA-G2-T4
IESNA Type IV light distribution for wider roads
and large outdoor areas
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 90 mm
Height
45.2 mm
Fastening
socket
Colour
black
Box size
480 x 280 x 300 mm
Box weight
7.4 kg
Quantity in Box
90 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STELLA-G2-T4
Lens
Silicone
clear
STELLA-FRAME
Holder
PA66
black
Last update: 06/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN16358

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN16356 LEDIL-FN16356 Datasheet
9Mb / 5P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
More results

Similar Description - FN16358

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA14032 LEDIL-CA14032_18 Datasheet
2Mb / 8P
IESNA Type IV beam for wider roads and large outdoor areas.
C14029 LEDIL-C14029 Datasheet
1Mb / 5P
IESNA Type IV beam for wider roads and large outdoor areas
F15383 LEDIL-F15383 Datasheet
4Mb / 5P
IESNA Type IV light distribution for wider roads
F14326 LEDIL-F14326 Datasheet
3Mb / 7P
IESNA Type IV light distribution for wider roads and large outdoor areas
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
IESNA Type IV light distribution for wider roads and large outdoor areas
F15384 LEDIL-F15384 Datasheet
2Mb / 4P
IESNA Type IV light distribution for wider roads and large outdoor areas
CS17068 LEDIL-CS17068 Datasheet
2Mb / 5P
IESNA Type IV beam for wider roads and large outdoor area
FN14645 LEDIL-FN14645 Datasheet
4Mb / 11P
IESNA Type IV for wider roads and area lighting like car parks and gardens.
FN15187 LEDIL-FN15187 Datasheet
3Mb / 10P
IESNA Type IV for wider roads and area lighting like car parks and gardens
C17086 LEDIL-C17086 Datasheet
2Mb / 5P
IESNA Type IV for wider roads and area lighting like car parks and yards.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com