Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8092 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8092
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092 Datasheet(HTML) 2 Page - Analog Devices

  AD8092 Datasheet HTML 1Page - Analog Devices AD8092 Datasheet HTML 2Page - Analog Devices AD8092 Datasheet HTML 3Page - Analog Devices AD8092 Datasheet HTML 4Page - Analog Devices AD8092 Datasheet HTML 5Page - Analog Devices AD8092 Datasheet HTML 6Page - Analog Devices AD8092 Datasheet HTML 7Page - Analog Devices AD8092 Datasheet HTML 8Page - Analog Devices AD8092 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. A
AD8091/AD8092–SPECIFICATIONS
AD8091A/AD8092A
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
MHz
G = –1, +2, VO = 0.2 V p-p
50
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150
Ω to +2.5 V,
RF = 806
Ω
20
MHz
Slew Rate
G = –1, VO = 2 V Step
100
145
V/
µs
Full Power Response
G = +1, VO = 2 V p-p
35
MHz
Settling Time to 0.1%
G = –1, VO = 2 V Step
50
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
*
fC = 5 MHz, VO = 2 V p-p, G = +2
–67
dB
Input Voltage Noise
f = 10 kHz
16
nV/
√Hz
Input Current Noise
f = 10 kHz
850
fA/
√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150
Ω to +2.5 V
0.09
%
RL = 1 k
Ω to +2.5 V
0.03
%
Differential Phase Error (NTSC)
G = +2, RL = 150
Ω to +2.5 V
0.19
Degrees
RL = 1 k
Ω to +2.5 V
0.03
Degrees
Crosstalk
f = 5 MHz, G = +2
–60
dB
DC PERFORMANCE
Input Offset Voltage
1.7
10
mV
TMIN to TMAX
25
mV
Offset Drift
10
µV/°C
Input Bias Current
1.4
2.5
µA
TMIN to TMAX
3.25
µA
Input Offset Current
0.1
0.75
µA
Open-Loop Gain
RL = 2 k
Ω to +2.5 V
86
98
dB
TMIN to TMAX
96
dB
RL = 150
Ω to +2.5 V
76
82
dB
TMIN to TMAX
78
dB
INPUT CHARACTERISTICS
Input Resistance
290
k
Ω
Input Capacitance
1.4
pF
Input Common-Mode Voltage Range
–0.2 to +4
V
Common-Mode Rejection Ratio
VCM = 0 V to +3.5 V
72
88
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 k
Ω to +2.5 V
0.015 to 4.985
V
RL = 2 k
Ω to +2.5 V
0.100 to 4.900 0.025 to 4.975
V
RL = 150
Ω to +2.5 V
0.300 to 4.625 0.200 to 4.800
V
Output Current
VOUT = +0.5 V to +4.5 V
45
mA
TMIN to TMAX
45
mA
Short Circuit Current
Sourcing
80
mA
Sinking
130
mA
Capacitive Load Drive
G = +1
50
pF
POWER SUPPLY
Operating Range
3
12
V
Quiescent Current/Amplifier
4.4
5
mA
Power Supply Rejection Ratio
VS =
±1 V
70
80
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
*Refer to TPC 7.
Specifications subject to change without notice.
(@ TA = 25 C, VS = +5 V, RL = 2 k
to +2.5 V,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com