Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8092ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD8092ARM
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM Datasheet(HTML) 5 Page - Analog Devices

  AD8092ARM Datasheet HTML 1Page - Analog Devices AD8092ARM Datasheet HTML 2Page - Analog Devices AD8092ARM Datasheet HTML 3Page - Analog Devices AD8092ARM Datasheet HTML 4Page - Analog Devices AD8092ARM Datasheet HTML 5Page - Analog Devices AD8092ARM Datasheet HTML 6Page - Analog Devices AD8092ARM Datasheet HTML 7Page - Analog Devices AD8092ARM Datasheet HTML 8Page - Analog Devices AD8092ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
–5–
AD8091/AD8092
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short Circuit Duration . . . . . . . . . . . . . See Figure 1
Storage Temperature Range . . . . . . . . . . .
–65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the AD8091/AD8092
package is limited by the associated rise in junction temperature
(TJ) on the die. The plastic encapsulating the die will locally reach
the junction temperature. At approximately 150
°C, which is the
glass transition temperature, the plastic will change its properties.
Even temporarily exceeding this temperature limit may change the
stresses that the package exerts on the die, permanently shifting the
parametric performance of the AD8091/AD8092. Exceeding a
junction temperature of 175
°C for an extended period of time can
result in changes in the silicon devices, potentially causing failure.
The still-air thermal properties of the package ( JA), ambient
temperature (TA), and the total power dissipated in the package
(PD) can be used to determine the junction temperature of the die.
The junction temperature can be calculated as follows:
TT
P
AD
A
JJ
=+
×
()
θ
The power dissipated in the package (PD) is the sum of the quies-
cent power dissipation and the power dissipated in the package
due to the load drive for all outputs. The quiescent power is the
voltage between the supply pins (VS) times the quiescent current
(IS). Assuming the load (RL) is referenced to midsupply, then the
total drive power is VS /2
IOUT, some of which is dissipated in
the package and some in the load (VOUT
IOUT). The difference
between the total drive power and the load power is the drive
power dissipated in the package.
PD = quiescent power + (total drive power – load power)
PV
I
VV
R
V
R
SS
S
OUT
L
OUT
L
D =×
()+×


2
2
–
RMS output voltages should be considered. (If RL is referenced
to VS–, as in single-supply operation, then the total drive power is
VS
IOUT.)
If the rms signal levels are indeterminate, then consider the
worst case, when VOUT = VS /4 for RL to midsupply:
PV
I
V
R
DS
S
S
L
=×
()+


4
2
(In single-supply operation with RL referenced to VS–, worst case is
VOUT = VS /2.)
Airflow will increase heat dissipation, effectively reducing JA. Also,
more metal directly in contact with the package leads from metal
traces, through holes, ground, and power planes will reduce the JA.
Care must be taken to minimize parasitic capacitances at the input
leads of high-speed op amps as discussed in the board layout
section.
Figure 1 shows the maximum safe power dissipation in the package
versus the ambient temperature for the SOIC-8 (125
°C/W),
SOT23-5 (180
°C/W), and µSOIC-8 (150°C/W) packages on a
JEDEC standard four-layer board.
AMBIENT TEMPERATURE – C
2.0
1.0
0
–30
1.5
0.5
80
40
50
10
–10
30
TJ = 150 C
SOIC-8
SOIC-8
–20
0
20
60
70
90
SOT23-5
–40
Figure 1. Maximum Power Dissipation vs. Temperature
for a Four-Layer Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com