Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHRB34A331M2BB Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # DHRB34A331M2BB
Description  HIGH VOLTAGE CERAMIC CAPACITORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DHRB34A331M2BB Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DHRB34A331M2BB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DHRB34A331M2BB Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Typical Characteristics Data/Packaging
7
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
s Cap.-Temp. Char.
ZM Characteristics
40
20
0
-20
-40
-40
-20
0
20
Temperature (˚C)
40
60
80
100
B Characteristics
20
10
0
-10
-20
-40
-20
0
20
Temperature (˚C)
40
60
80
100
s Cap.-DC Bias Char.
ZM Characteristics
20
10
0
-10
-20
-30
-40
0
10
8
6
4
14
12
2
DC-BIAS (kV)
16
DC15kV
DC10kV
DC12kV
B Characteristics
20
0
-40
-20
-60
-80
0
10
8
6
4
14
12
2
DC-BIAS (kV)
16
DC15kV
DC10kV
DC12kV
s Packaging Styles
Bulk
Polyethylene Bag
Minimum Quantity (Order in Sets Only)
Minimum Order Quantity
200 (pcs.)
200 (pcs.)
• "Minimum Quantity" means the number of units of each delivery or order.
The quantity should be an integral multiple of the "minimum quantity".
(Please note that the actual delivery quantity in a package
may change sometimes.)
s Example
FBT
(HV)
Anode of CRT
DHR Capacitor
(GND)
DHR
Capacitor
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C41E2.pdf 03.4.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com