Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-1ASK Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-1ASK
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1ASK Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-1ASK Datasheet HTML 1Page - Mini-Circuits ADE-1ASK Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Performance Charts
Page 2 of 2
ADE-1ASK
CONVERSION LOSS
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
100
200
300
400
500
600
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
at IF Freq of 30 MHz
ADE-1ASK
L-R ISOLATION
20
30
40
50
60
70
80
0
100
200
300
400
500
600
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1ASK
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
600
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1ASK
L-I ISOLATION
0
10
20
30
40
50
60
70
80
0
100
200
300
400
500
600
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1ASK
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
100
200
300
400
500
600
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1ASK
IF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
100
200
300
400
500
600
FREQUENCY (MHz)
LO=+4 dBm
LO=+7 dBm
LO=+10 dBm
ADE-1ASK+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com