Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-1LH Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-1LH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1LH Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-1LH Datasheet HTML 1Page - Mini-Circuits ADE-1LH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
0.50
30.50
5.87
67.00
52.50
1.54
2.56
0.80
30.80
5.68
66.83
52.17
1.37
2.56
1.00
31.00
5.70
67.01
52.00
1.33
2.61
5.00
35.00
5.21
65.67
50.33
1.23
2.61
10.00
40.00
5.08
64.17
50.17
1.22
2.67
50.00
80.00
5.30
59.16
43.84
1.15
2.56
71.52
101.52
5.27
57.66
42.17
1.13
2.61
100.00
130.00
5.31
56.51
40.51
1.12
2.62
142.94
172.94
5.47
55.83
38.33
1.16
2.67
150.00
180.00
5.48
55.34
38.00
1.16
2.61
200.00
230.00
5.49
52.67
37.50
1.14
2.73
214.36
244.36
5.48
52.01
37.34
1.13
2.73
250.00
280.00
5.54
51.34
36.67
1.08
2.56
285.79
315.79
5.76
46.84
34.51
1.09
2.67
300.00
330.00
5.85
45.83
33.67
1.09
2.67
350.00
380.00
5.67
48.00
30.67
1.14
2.56
400.00
430.00
5.74
47.01
27.33
1.16
2.86
428.63
458.63
6.00
46.66
27.00
1.12
2.80
470.00
500.00
6.30
48.34
27.67
1.06
3.01
500.00
530.00
6.61
44.33
27.33
1.10
2.93
Performance Charts
ADE-1LH+
CONVERSION LOSS
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
at IF Freq of 30 MHz
ADE-1LH+
L-R ISOLATION
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
ADE-1LH+
LO VSWR
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
ADE-1LH+
L-I ISOLATION
10
20
30
40
50
60
70
80
90
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
ADE-1LH+
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
ADE-1LH+
IF VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
FREQUENCY (MHz)
LO=+7 dBm
LO=+10 dBm
LO=+13 dBm
ADE-1LH+



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com