Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-1MHW Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-1MHW
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1MHW Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-1MHW Datasheet HTML 1Page - Mini-Circuits ADE-1MHW Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 13 (LO Power +13 dBm) 0.5 to 600 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. F
M151107
ADE-1MHW+
ED-7694/1
WL/TD/CP/AM
150513
Page 1 of 2
1 dB COMP.: +9 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
0.5-600
DC-600
5.2
0.10
6.9
8.0
63 50
53 32
43 20
56 40
44 25
30
20
17
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
Electrical Schematic
ADE-1MHW+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
0.50
30.50
5.48
63.60
56.70
1.55
2.76
1.00
31.00
5.16
63.60
56.40
1.33
2.72
2.00
32.00
4.81
63.60
56.40
1.22
2.76
5.00
35.00
4.57
62.50
55.30
1.18
2.72
10.00
40.00
4.52
61.10
54.10
1.17
2.72
20.00
50.00
4.56
59.90
51.80
1.16
2.76
50.00
80.00
4.58
56.70
46.60
1.12
2.72
62.59
92.59
4.68
55.50
45.30
1.13
2.72
100.00
130.00
4.77
54.50
42.70
1.10
2.84
125.09
155.09
4.83
55.00
41.60
1.09
2.88
150.00
180.00
4.89
53.60
40.60
1.09
2.80
187.58
217.58
4.96
47.90
40.10
1.09
2.76
200.00
230.00
5.02
48.60
40.30
1.09
2.84
250.00
280.00
5.01
49.80
38.40
1.07
2.72
300.00
330.00
5.15
42.70
37.90
1.08
2.80
312.57
342.57
5.11
41.80
37.50
1.06
2.76
375.06
405.06
5.11
41.40
32.60
1.05
2.84
400.00
430.00
5.13
41.90
30.60
1.01
3.06
500.00
530.00
6.20
42.00
31.50
1.38
3.57
625.04
655.04
6.05
35.00
26.30
1.82
3.16
Features
• low conversion loss, 5.2 dB typ.
• excellent L-R isolation, 53 dB typ.
• excellent IP3, 17 dBm typ.
• aqueous washable
• protected by US patent 6,133,525
Applications
• HF/VHF/UHF receivers
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
500, 1000


Similar Part No. - ADE-1MHW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1MH MINI-ADE-1MH Datasheet
308Kb / 2P
Frequency Mixer
ADE-1MH+ MINI-ADE-1MH+ Datasheet
308Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-1MHW

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com