Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-2M Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-2M
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-2M Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-2M Datasheet HTML 1Page - Mini-Circuits ADE-2M Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Page 2 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Charts
ADE-2M+
ADE-2M+
CONVERSION LOSS
6.5
6.7
6.9
7.1
7.3
7.5
7.7
7.9
8.1
8.3
0
200
400
600
800
1000
RF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-2M+
L-R ISOLATION
30
35
40
45
50
55
60
65
70
75
80
0
200
400
600
800
1000
LO FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-2M+
L-I ISOLATION
25
30
35
40
45
50
55
60
65
70
75
0
200
400
600
800
1000
LO FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-2M+
RF VSWR
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0
200
400
600
800
1000
RF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-2M+
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
200
400
600
800
1000
LO FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-2M+
IF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
0
200
400
600
800
1000
IF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
at IF freq of 30MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com