Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-3GL Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-3GL
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-3GL Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-3GL Datasheet HTML 1Page - Mini-Circuits ADE-3GL Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 2100 to 2600 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD541
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
6
IF
3
GROUND
1,2,5
Outline Drawing
Electrical Specifications
REV. H
M151107
ADE-3GL+
WL/TD/CP/AM
150518
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION
LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Max.
f
L-fU
—
X
σ
Typ. Min.
Typ. Min.
Typ.
2100-2600
DC-600
6.0
0.25
8.8
34
25
20
7
17
A
B
C
D
E
F
G
.272
.310
.220
.100
.082
.055
.100
6.91
7.87
5.59
2.54
2.08
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.15
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-3GL+
2015.79
2045.79
5.55
36.00
12.90
2.04
1.52
2121.05
2151.05
5.41
35.10
15.00
1.94
1.48
2226.32
2256.32
5.57
34.30
17.50
2.23
1.40
2300.00
2330.00
5.86
34.50
19.40
2.46
1.39
2320.00
2350.00
5.98
34.50
19.90
2.55
1.39
2331.58
2361.58
5.94
34.50
20.20
2.61
1.39
2350.00
2380.00
5.96
34.60
20.70
2.68
1.39
2380.00
2410.00
5.96
34.40
21.60
2.84
1.39
2400.00
2430.00
6.06
34.30
22.10
2.88
1.40
2430.00
2460.00
6.05
34.10
23.00
3.01
1.40
2436.84
2466.84
6.10
34.00
23.20
3.01
1.40
2450.00
2480.00
6.01
33.90
23.60
3.06
1.41
2480.00
2510.00
6.03
33.80
24.70
3.16
1.41
2500.00
2530.00
6.02
33.80
25.70
3.21
1.44
2530.00
2560.00
6.03
33.50
26.80
3.26
1.46
2542.11
2572.11
6.20
33.60
27.30
3.16
1.48
2550.00
2580.00
6.07
33.60
27.80
3.32
1.50
2580.00
2610.00
6.00
33.50
28.70
3.32
1.51
2600.00
2630.00
6.10
33.40
28.90
3.32
1.51
2630.00
2660.00
6.15
33.20
28.70
3.44
1.56
Features
• low conversion loss, 6.0 dB typ.
• good L-R isolation, 34 dB typ.
• low profile package
• aqueous washable
• low cost
• protected by U.S. Patent 6,133,525
Applications
• PCMCIA cards
• ISM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
500,1000


Similar Part No. - ADE-3GL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-3G MINI-ADE-3G Datasheet
288Kb / 2P
Frequency Mixer
ADE-3G+ MINI-ADE-3G+ Datasheet
288Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-3GL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com