Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-13 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-13
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-13 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-13 Datasheet HTML 1Page - Mini-Circuits ADE-13 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 50 to 1600 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD541
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
4
GROUND
1,2,5
Outline Drawing
Electrical Specifications
REV. G
M158496
ADE-13+
ED-6103/1
DJ/TD/CP/AM
161021
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
50-1600
50-1000
8.1
0.10
9.0
9.8
50
25
40
25
33
20
49
30
35
20
32
20
11
A
B
C
D
E
F
G
.272
.310
.220
.100
.082
.055
.100
6.91
7.87
5.59
2.54
2.08
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.15
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-13+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
50.00
80.00
7.46
55.80
52.20
1.07
2.68
100.00
130.00
7.58
52.00
47.90
1.05
2.72
160.71
190.71
7.51
49.30
44.30
1.01
2.61
271.43
301.43
7.74
45.70
40.50
1.13
2.58
300.00
330.00
7.76
45.00
39.70
1.17
2.72
382.14
412.14
7.69
43.20
38.00
1.31
2.65
492.86
522.86
7.86
40.40
36.20
1.49
2.61
500.00
530.00
7.92
40.40
36.10
1.50
2.61
603.57
633.57
8.06
37.80
35.40
1.71
2.46
714.29
744.29
8.16
36.20
34.40
1.81
2.35
825.00
855.00
7.91
35.30
33.50
1.69
2.52
935.71
965.71
7.87
32.30
33.20
1.64
2.72
1000.00
1030.00
7.75
31.00
33.40
1.63
2.80
1046.43
1076.43
7.87
30.60
33.60
1.61
2.80
1157.14
1187.14
8.02
30.00
33.20
1.48
3.01
1267.86
1297.86
8.09
30.60
32.80
1.30
3.26
1300.00
1330.00
8.17
31.50
32.30
1.27
3.32
1378.57
1408.57
8.24
31.60
31.90
1.27
3.57
1489.29
1519.29
8.30
28.10
31.10
1.42
4.22
1600.00
1630.00
8.40
27.60
30.80
1.56
5.33
Features
• low conversion loss, 8.1 dB typ.
• excellent L-R isolation, 40 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• satellite distribution
• GPS
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
500,1000


Similar Part No. - ADE-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-132FH MINI-ADE-132FH Datasheet
351Kb / 2P
Frequency Mixer
ADE-132FH+ MINI-ADE-132FH+ Datasheet
351Kb / 2P
Frequency Mixer
ADE-132FMH MINI-ADE-132FMH Datasheet
348Kb / 2P
Frequency Mixer
ADE-132FMH+ MINI-ADE-132FMH+ Datasheet
348Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com