Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-30 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-30
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-30 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-30 Datasheet HTML 1Page - Mini-Circuits ADE-30 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 200 to 3000 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. E
M158496
ADE-30
ED-6218/6
DJ/TD/CP/AM
161021
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ.
200-3000
DC-1000
4.5
.20
9.0
9.8
35
20
20
7
14
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
m=mid band [2f
L to fU/2]
Features
• low conversion loss, 4.5 dB typ.
• excellent L-R isolation, 35 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
• PCN
• instrumentation
• ISM
200.00
230.00
5.93
51.00
48.50
2.80
8.08
350.00
380.00
4.87
45.33
40.83
1.43
6.17
500.00
530.00
4.84
42.83
37.83
1.13
3.26
850.00
880.00
5.24
38.17
45.00
2.46
2.51
1050.00
1080.00
6.02
38.50
34.67
3.69
2.04
1250.00
1280.00
5.80
40.67
23.67
2.51
1.95
1450.00
1480.00
5.34
38.50
19.00
2.20
2.17
1650.00
1680.00
6.12
40.83
15.66
2.28
2.28
1850.00
1880.00
6.38
40.00
14.77
2.46
2.37
2000.00
2030.00
6.66
39.00
13.50
2.86
2.51
2250.00
2280.00
7.17
35.50
12.83
3.68
2.93
2450.00
2480.00
6.79
33.67
12.00
3.57
3.17
2650.00
2680.00
6.39
37.00
11.16
3.68
3.36
2850.00
2880.00
5.69
40.67
10.50
2.86
3.95
3000.00
3030.00
5.30
37.17
11.17
2.01
3.17
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Permanent damage may occur if any of these limits are exceeded.
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
500, 1000
ADE-30+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - ADE-30

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-30W MINI-ADE-30W Datasheet
314Kb / 2P
Frequency Mixer
ADE-30W+ MINI-ADE-30W+ Datasheet
314Kb / 2P
Frequency Mixer
ADE-30W+ MINI-ADE-30W+ Datasheet
255Kb / 1P
FREQUENCY MIXERS
More results

Similar Description - ADE-30

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com