Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-30W Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-30W
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-30W Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-30W Datasheet HTML 1Page - Mini-Circuits ADE-30W Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 300 to 4000 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD542
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. E
M151107
ADE-30W+
ED-6216/6
DJ/TD/CP/AM
150518
1 dB COMP.: +1 dBm typ.
m= mid band [2f
L to fU/2]
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ.
300-4000
DC-950
6.8
0.20
9.0
9.8
35
17
16
7
12
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-30W+
200.00
230.00
5.93
51.00
48.50
2.80
8.08
350.00
380.00
4.87
45.33
40.83
1.43
6.17
500.00
530.00
4.84
42.83
37.83
1.13
3.26
850.00
880.00
5.24
38.17
45.00
2.46
2.51
1050.00
1080.00
6.02
38.50
34.67
3.69
2.04
1250.00
1280.00
5.80
40.67
23.67
2.51
1.95
1450.00
1480.00
5.34
38.50
19.00
2.20
2.17
1650.00
1680.00
6.12
40.83
15.66
2.28
2.28
1850.00
1880.00
6.38
40.00
14.77
2.46
2.37
2000.00
2030.00
6.66
39.00
13.50
2.86
2.51
2250.00
2280.00
7.17
35.50
12.83
3.68
2.93
2450.00
2480.00
6.79
33.67
12.00
3.57
3.17
2650.00
2680.00
6.39
37.00
11.16
3.68
3.36
2850.00
2880.00
5.69
40.67
10.50
2.86
3.95
3000.00
3030.00
5.30
37.17
11.17
2.01
3.17
3250.00
3280.00
5.16
34.00
12.16
1.65
2.07
3450.00
3480.00
5.27
33.33
14.50
1.43
2.20
3650.00
3680.00
5.75
33.67
16.50
1.56
2.61
3850.00
3880.00
6.57
33.66
17.00
2.61
3.17
4000.00
4030.00
7.38
33.33
16.16
3.35
4.26
Features
• low conversion loss, 6.8 dB typ.
• excellent L-R isolation, 35 dB typ.
• low profile package
• aqueous washable
• protected by U.S. patent 6,133,525
Applications
• cellular
• PCN
• instrumentation
• ISM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200, 500
13”
500, 1000


Similar Part No. - ADE-30W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-30W+ MINI-ADE-30W+ Datasheet
255Kb / 1P
FREQUENCY MIXERS
More results

Similar Description - ADE-30W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com