Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-751MH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-751MH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-751MH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-751MH Datasheet HTML 1Page - Mini-Circuits ADE-751MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Level 13 (LO Power +13 dBm) 20 to 750 MHz
Frequency Mixer
High IP3
Demo Board MCL P/N: TB-02+
Suggested PCB Layout (PL-051)
Maximum Ratings
Pin Connections
REV. A
M151107
ADE-751MH+
ED-14942/1
DJ/CP/AM
151018
ADE-751MH+
CASE STYLE: CD541
Outline Dimensions (
)
inch
mm
Outline Drawing
Electrical Schematic
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
Parameter
Min.
Typ.
Max.
Unit
Frequency Range, RF
20
—
750
MHz
Frequency Range, LO
50
—
780
MHz
Frequency Range, IF
DC
—
250
MHz
Conversion Loss
—
6.6
8.2
dB
LO to RF Isolation
28
42
—
dB
LO to IF Isolation
27
40
—
dB
IP3
—
26
—
dBm
RF Input Power at 1 dB Compression
—
+9
—
dBm
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Features
• high IP3, 26 dBm typ.
• low conversion loss, 6.6 dB typ.
• good L-R isolation, 42 dB typ.
• low profile package
• aqueous washable
• protected by U.S. Patent 6,133,525
Applications
• cellular
LO
6
RF
4
IF
3
GROUND
1,2,5
A
B
C
D
E
F
G
.272
.310
.220
.100
.082
.055
.100
6.91
7.87
5.59
2.54
2.08
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.15
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
IP3
(dBm)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
20.10
50.10
6.93
60.76
55.47
1.34
1.66
28.44
50.10
80.10
6.88
56.69
55.03
1.32
1.72
35.88
100.10
130.10
6.90
52.19
54.66
1.32
1.62
31.42
150.10
180.10
6.78
48.80
53.10
1.30
1.65
33.64
200.10
230.10
6.70
47.06
52.49
1.29
1.60
39.63
250.10
280.10
6.60
45.46
51.28
1.27
1.69
29.76
300.10
330.10
6.52
44.41
50.47
1.26
1.68
27.42
350.10
380.10
6.45
43.32
48.63
1.25
1.77
29.22
400.10
430.10
6.44
42.55
48.18
1.24
1.74
25.94
450.10
480.10
6.42
42.02
45.27
1.23
1.86
33.16
500.10
530.10
6.43
41.52
46.06
1.23
1.80
30.52
550.10
580.10
6.34
40.75
42.85
1.19
1.88
25.31
600.10
630.10
6.42
41.02
40.16
1.17
1.89
30.05
650.10
680.10
6.43
40.62
39.98
1.16
2.03
27.89
700.10
730.10
6.48
40.11
40.27
1.15
2.05
29.10
710.10
740.10
6.43
40.00
40.09
1.13
2.07
28.51
720.10
750.10
6.41
39.86
40.01
1.12
2.07
28.59
730.10
760.10
6.43
39.68
39.84
1.11
2.07
28.40
740.10
770.10
6.44
39.52
39.59
1.11
2.09
27.29
750.10
780.10
6.44
39.32
39.39
1.10
2.08
25.42


Similar Part No. - ADE-751MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-751H MINI-ADE-751H Datasheet
341Kb / 2P
Frequency Mixer
ADE-751H+ MINI-ADE-751H+ Datasheet
341Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-751MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com