Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C52 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82C52
Description  CMOS Serial Controller Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C52 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82C52 Datasheet HTML 9Page - Renesas Technology Corp 82C52 Datasheet HTML 10Page - Renesas Technology Corp 82C52 Datasheet HTML 11Page - Renesas Technology Corp 82C52 Datasheet HTML 12Page - Renesas Technology Corp 82C52 Datasheet HTML 13Page - Renesas Technology Corp 82C52 Datasheet HTML 14Page - Renesas Technology Corp 82C52 Datasheet HTML 15Page - Renesas Technology Corp 82C52 Datasheet HTML 16Page - Renesas Technology Corp 82C52 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
82C52
FN2950 Rev 4.00
Page 13 of 21
November 25, 2015
Timing Waveform
AC Test Circuit
FIGURE 14. BUS OPERATION
CS0, A0, A1
SELECT VALID
NEXT BUS CYCLE
WR
RD
D0-D7
D0-D7
(5)
TRLDV
(6)
TRHDZ
(1)
TSVCTL
(3)
TCTLCTH
(4)
TCTHCTL
(1)
TSVCTL
(3)
TCTLCTH
(2)
TCTHSX
(8)
TWHDX
(7)
TDVWH
VALID
WRITE
OPERATION
READ
OPERATION
TEST POINT
R1
V1
CL
OUTPUT FROM
DEVICE UNDER
TEST
R2
TEST CONDITION
V1
R1
R2
CL
1
Propagation Delay
1.7V
520
100pF
2
Disable Delay
VCC
5K
5K
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com