Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C89 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82C89
Description  CMOS Bus Arbiter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C89 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82C89 Datasheet HTML 6Page - Renesas Technology Corp 82C89 Datasheet HTML 7Page - Renesas Technology Corp 82C89 Datasheet HTML 8Page - Renesas Technology Corp 82C89 Datasheet HTML 9Page - Renesas Technology Corp 82C89 Datasheet HTML 10Page - Renesas Technology Corp 82C89 Datasheet HTML 11Page - Renesas Technology Corp 82C89 Datasheet HTML 12Page - Renesas Technology Corp 82C89 Datasheet HTML 13Page - Renesas Technology Corp 82C89 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
82C89
FN2980 Rev 3.00
Page 13 of 14
September 4, 2015
Die Characteristics
DIE DIMENSIONS:
92.9 x 95.7 x 19
1 mils
METALLIZATION:
Type: Si - Al
Thickness: 11k
Å ±2kÅ
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å 2kÅ
WORST CASE CURRENT DENSITY:
1.8 x 105 A/cm2
Metallization Mask Layout
82C89
CLK
LOCK
CRQLCK
ANYRQST
ANYRQST
RESB
BCLK
INIT
BREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com