Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMD27C64 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AMD27C64
Description  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AMD27C64 Datasheet HTML 3Page - Advanced Micro Devices AMD27C64 Datasheet HTML 4Page - Advanced Micro Devices AMD27C64 Datasheet HTML 5Page - Advanced Micro Devices AMD27C64 Datasheet HTML 6Page - Advanced Micro Devices AMD27C64 Datasheet HTML 7Page - Advanced Micro Devices AMD27C64 Datasheet HTML 8Page - Advanced Micro Devices AMD27C64 Datasheet HTML 9Page - Advanced Micro Devices AMD27C64 Datasheet HTML 10Page - Advanced Micro Devices AMD27C64 Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AMD
2-20
Am27C64
KEY TO SWITCHING WAVEFORMS
Must Be
Steady
May
Change
from H to L
May
Change
from L to H
Does Not
Apply
Don’t Care,
Any Change
Permitted
Will Be
Steady
Will Be
Changing
from H to L
Will Be
Changing
from L to H
Changing
State
Unknown
Center
Line is High
Impedence
“Off” State
WAVEFORM
INPUTS
OUTPUTS
KS000010
SWITCHING WAVEFORMS
11419D-9
Addresses
CE
OE
Output
Addresses Valid
High Z
High Z
tCE
Valid Output
2.4
0.45
2.0
0.8
2.0
0.8
tACC
(Note 1)
tOE
tDF
(Note 2)
tOH
Notes:
1.
OE may be delayed up to tACC–tOE after the falling edge of the addresses without impact on tACC.
2. tDF is specified from OE or CE, whichever occurs first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com