Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2115 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS2115
Description  FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2115 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS2115 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2115 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2115 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2115 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS2115
ABSOLUTE MAXIMUM RATINGS (Note 1)
Soldering information
Input Voltage
20V
Lead Temperature (10 sec)
300
°C
Operating Junction Temperature Range
0
°C to 125°C
Thermal Resistance
ESD
2000V
SO-8 package
ϕ JA= 130°C/W
Storage temperature
- 65
°C to +150°C
8L-PDIP package
ϕ JA= 100°C/W
ELECTRICAL CHARACTERISTICS
TA = 25°C, V IN = 12V, IPOS = INEG = 5V, SHDN = 0V unless otherwise noted.
Parameter
Device
Conditions
Min
Typ
Max
Units
Supply Current
(Isy)
4.5
7
mA
Reference Voltage
(VREF)
AMS2115
1.238
1.250
1.26
V
Output Voltage
(VOUT)
AMS2115-1.5
1.485
1.500
1.0
1.51
5
V
V
Output Voltage
(VOUT)
AMS2115-1.8
1.782
1.800
1.81
V
Output Voltage
(VOUT)
AMS2115-2.5
2.475
2.500
2.52
V
Output Voltage
(VOUT)
AMS2115-3.3
3.267
3.300
3.33
V
Output Voltage
(VOUT)
AMS2115-5.0
4.950
5.000
5.05
V
Line Regulation
AMS2115-XX
10 V
≤ VIN ≤ 20V
0.01
0.3
%/V
Input Bias Current
(
Ifb)
AMS2115
FB = VFB
-3.0
-4.0
µA
OUT Divider Current
AMS2115-XX
OUT = VOUT
0.5
1.0
mA
Gate Output Swing Low
AMS2115-XX
I Gate = 0mA
0.1
0.5
V
Gate Output Swing High
AMS2115-XX
I Gate = 0mA
VIN - 1.6
VIN - 1
V
IPOS + INEG Supply Current
AMS2115-XX
3V
≤ IPOS ≤ 20V
0.3
0.625
1.0
mA
Current Limit Threshold Voltage
AMS2115-XX
42
37
50
50
58
63
mV
mV
Current Limit Threshold Voltage
Line Regulation
AMS2115-XX
3V
≤ IPOS ≤ 20V
-0.20
-0.50
%/V
Shut Down Current
(Input Shut Down – High)
AMS2115-XX
V Shutdown = 2.0 V
5.0
8.0
µA
Shut Down Input logic
(Shut Down - Low)
AMS2115-XX
Low (Regulator On)
1.2
1.4
V
Shut Down Input logic
(Shut Down – High)
AMS2115-XX
High (Regulator Off)
2.0
1.5
V
Shut Down Hysteresis
AMS2115-XX
From High To Low
150
mV
Output Voltage TC
(VOUT TC)
AMS2115-XX
∆T = TA to 125
°C
30
ppm/
°C
Reference Voltage TC
(VREF TC)
AMS2115
∆T = TA to 125
°C
30
ppm/
°C
Parameters identified with
boldface type apply over the full operating temperature range.
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: Line regulation is guaranteed up to the maximum input voltage.
Note 3: XX represents all output voltages.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com