Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPDCD3 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # MPDCD3
Description  PCB Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MPDCD3 Datasheet(HTML) 1 Page - Crydom Inc.,

  MPDCD3 Datasheet HTML 1Page - Crydom Inc., MPDCD3 Datasheet HTML 2Page - Crydom Inc., MPDCD3 Datasheet HTML 3Page - Crydom Inc., MPDCD3 Datasheet HTML 4Page - Crydom Inc., MPDCD3 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DataSheet
PCB Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
MP Series
• SIP SSR
• Ratings to 4A @ 280 VAC or 3A @ 60 VDC
• Triac (AC) or Transistor (DC) output
• DC Control
• Normally open (AC or DC) or normally closed output (DC only)
• CE Compliant to EN60950-1
PRODUCT SELECTION
Control Voltage
3-32 VDC
AVAILABLE OPTIONS
AC OUTPUT SPECIFICATIONS (1)
DC OUTPUT SPECIFICATIONS (1)
Description
Operating Voltage (47-63Hz) [Vrms]
24-280
Transient Overvoltage [Vpk]
600
Maximum Off-State Leakage Current @ Rated Voltage [mA]
5
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/sec] (2)
200
Maximum Load Current [Arms]
4
Minimum Load Current [Arms]
0.02
Maximum Surge Current (16.6ms) [Apk]
130
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
Minimum Power Factor (with Maximum Load)
3 A
3 A
3 A
4 A
MPDCD3
MP240D4
MP240D3
MP120D3
12-140
400
5
200
3
0.02
90
1.6
72
Maximum I² t for Fusing (50/60Hz, 1/2 cycle) [A² sec]
0.5
24-280
600
5
200
3
0.02
90
1.6
36
0.5
36
0.5
Required for valid part number
For options only and not required for valid part number
Series
Operational Current
3: 3 Amps
4: 4 Amps
Operational Voltage
120: 12-140 VAC
240: 24-280 VAC
DC: 3-60 VDC
Control Voltage
D: 3-32 VDC
MP
DC
D
3
Output Function / Type
Blank: Normally Open
-B: Normally Closed (DC only)
-B
MP240D3
MP240D4
MP120D3
Description
Operating Voltage (47-63Hz) [Vrms]
Maximum Load Current [Arms]
Minimum Load Current [mA]
Maximum Surge Current for 1 second [Adc]
Maximum On-State Voltage Drop @ Rated Current [Vpk]
Maximum Off-State Leakage Current @ Rated Voltage [mA]
3-60
3
0.02
5
1.5
1.0
MPDCD3
DC
AC
FDE-07-01 REV. A


Similar Part No. - MPDCD3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MPDCD3 CRYDOM-MPDCD3 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
MPDCD3 CRYDOM-MPDCD3 Datasheet
632Kb / 5P
PCB Mount
More results

Similar Description - MPDCD3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
ASPF CRYDOM-ASPF Datasheet
454Kb / 4P
PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
PCB Mount
LC241 CRYDOM-LC241 Datasheet
475Kb / 4P
PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
PCB Mount
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
PCB Mount
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com