Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C15430 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15430
Description  ~25째 spot beam for industrial applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15430 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15430 Datasheet HTML 1Page - Ledil, Inc. C15430 Datasheet HTML 2Page - Ledil, Inc. C15430 Datasheet HTML 3Page - Ledil, Inc. C15430 Datasheet HTML 4Page - Ledil, Inc. C15430 Datasheet HTML 5Page - Ledil, Inc. C15430 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C15430_STRADELLA-16-HB-S
STRADELLA-16-HB-S
~25° spot beam for industrial applications
TECHNICAL SPECIFICATIONS:
Dimensions
49.5+49.5 mm
Height
7.5 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
6.3 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-16-HB-S
Lens array
PMMA
clear
Last update: 19/12/2017
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C15430

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
C15432 LEDIL-C15432 Datasheet
7Mb / 5P
~90째 wide beam for industrial applications
C15437 LEDIL-C15437 Datasheet
2Mb / 5P
Beam for canopy lighting with batwing light distribution.
More results

Similar Description - C15430

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
C15183 LEDIL-C15183 Datasheet
7Mb / 9P
~25째 spot beam for industrial applications
C15245 LEDIL-C15245 Datasheet
3Mb / 6P
~25째 spot beam for industrial applications
C15983 LEDIL-C15983 Datasheet
3Mb / 7P
~25째 spot beam for industrial applications.
C16263 LEDIL-C16263 Datasheet
2Mb / 5P
~25째 spot beam compatible
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
C13557 LEDIL-C13557 Datasheet
3Mb / 8P
~25째 spot beam
C16599 LEDIL-C16599 Datasheet
3Mb / 6P
~25째 spot beam for industrial applications
C16040 LEDIL-C16040 Datasheet
2Mb / 5P
~25째 spot beam for industrial applications
C17303 LEDIL-C17303 Datasheet
2Mb / 5P
~25째 spot beam for industrial applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com