Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2045CSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL2045CSZ
Description  Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2045CSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL2045CSZ Datasheet HTML 2Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 3Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2045CSZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EL2045
FN7030 Rev 1.00
Page 6 of 10
February 11, 2005
Typical Performance Curves (Continued)
Short-Circuit Current
vs Temperature
Gain-Bandwidth Product
vs Load Capacitance
Overshoot vs
Load Capacitance
Large-Signal
Step Response
Small-Signal
Step Response
Differential Gain and
Phase vs DC Input
Offset at 3.58MHz
Differential Gain and
Phase vs DC Input
Offset at 4.43MHz
Differential Gain and
Phase vs Number of
150
 Loads at 3.58MHz
Differential Gain and
Phase vs Number of
150
 Loads at 4.43MHz
8-Pin PDIP
Maximum Power
Dissipation
8-Lead SO
Maximum Power
Dissipation
Package Power Dissipation vs Ambient Temperature
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
255075
100
125
150
85
Ambient Temperature (°C)
1.25W
JA =
100
°C
/W
JA=16
0°C/W
SO8
PD
IP8
781mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com