Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL2125CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2125CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL2125CS Datasheet HTML 1Page - Renesas Technology Corp EL2125CS Datasheet HTML 2Page - Renesas Technology Corp EL2125CS Datasheet HTML 3Page - Renesas Technology Corp EL2125CS Datasheet HTML 4Page - Renesas Technology Corp EL2125CS Datasheet HTML 5Page - Renesas Technology Corp EL2125CS Datasheet HTML 6Page - Renesas Technology Corp EL2125CS Datasheet HTML 7Page - Renesas Technology Corp EL2125CS Datasheet HTML 8Page - Renesas Technology Corp EL2125CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
EL2125
FN7045 Rev 3.00
Page 2 of 16
May 4, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Any Input . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.3V to VS+ + 0.3V
Ambient Operating Temperature . . . . . . . . . . . . . . . .-45°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Maximum Die Junction Temperature . . . . . . . . . . . . . . . . . . . +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±5V, TA = +25°C, RF = 180, RG = 20RL = 500 unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
VOS
Input Offset Voltage (SO8)
0.2
2
mV
Input Offset Voltage (SOT23-5)
3mV
TCVOS
Offset Voltage Temperature Coefficient
1.8
µV/°C
IB
Input Bias Current
-30
-22
µA
IOS
Input Bias Current Offset
0.4
2
µA
TCIB
Input Bias Current Temperature
Coefficient
0.09
µA/°C
CIN
Input Capacitance
2.2
pF
AVOL
Open Loop Gain
80
87
dB
PSRR
Power Supply Rejection Ratio
(Note 1)
80
97
dB
CMRR
Common Mode Rejection Ratio
at CMIR
80
106
dB
CMIR
Common Mode Input Range
-4.6
3.8
V
VOUTH
Output Voltage Swing High
No load, RF = 1k
3.5
3.65
V
VOUTL
Output Voltage Swing Low
No load, RF = 1k
-3.87
-3.7
V
VOUTH2
Output Voltage Swing High
RL = 100
33.3
V
VOUTL2
Output Voltage Swing Low
RL = 100
-3.5
-3
V
IOUT
Output Short Circuit Current (Note 2)
80
100
mA
IS
Supply Current
10.1
11
mA
AC PERFORMANCE - RG = 20, CL = 5pF
BW
-3dB Bandwidth
175
MHz
BW ±0.1dB
±0.1dB Bandwidth
34
MHz
BW ±1dB
±1dB Bandwidth
150
MHz
Peaking
Peaking
0.4
dB
SR
Slew Rate
VOUT = 2VP-P, measured at 20% to 80%
150
185
V/µs
OS
Overshoot, 4VP-P Output Square Wave Positive
0.6
%
Negative
2.7
%
tS
Settling Time to 0.1% of ±1V Pulse
42
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com