Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2142CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL2142CS
Description  Differential Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2142CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL2142CS Datasheet HTML 1Page - Renesas Technology Corp EL2142CS Datasheet HTML 2Page - Renesas Technology Corp EL2142CS Datasheet HTML 3Page - Renesas Technology Corp EL2142CS Datasheet HTML 4Page - Renesas Technology Corp EL2142CS Datasheet HTML 5Page - Renesas Technology Corp EL2142CS Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EL2142
FN7049 Rev 1.00
Page 2 of 6
February 11, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VCC–VEE) . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Recommended Operating Temperature . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VCC = +5V, VEE = -5V, TEE = 25°C, VIN= 0V, RL = 100, unless otherwise specified
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
VSUPPLY
Supply Operating Range (VCC-VEE)
±3.0
±5.0
±6.3
V
IS
Power Supply Current (no load)
11
14
mA
VOS
Input Referred Offset Voltage
-25
10
40
mV
IIN
Input Bias Current (VIN, VINB, VREF)-20
6
20
µA
ZIN
Differential Input Resistance
400
k
CIN
Differential Input Capacitance
1
pF
VDIFF
Differential Input Range
±2.0
±2.3
V
AVOL
Open Loop Voltage Gain
75
dB
VIN
Input Common Mode Voltage Range
-2.6
+4.0
V
VOUT
Output Voltage Swing (50
 load to GND)
±2.9
±3.1
V
IOUT(min)
Minimum Output Current
50
60
mA
VN
Input Referred Voltage Noise
36
nV/
Hz
VREF
Output Voltage Control Range
-2.5
+3.3
V
PSRR
Power Supply Rejection Ratio
60
70
dB
CMRR2
Input Common Mode Rejection Ratio (VIN= ±2V)
60
70
dB
CMRR1
Input Common Mode Rejection Ratio (full VIN range)
50
60
dB
AC Electrical Specifications
VCC = +5V, VEE = -5V, TA = 25C, VIN = 0V, RLOAD = 100, unless otherwise specified
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW(-3dB)
-3dB Bandwidth (Gain =1)
150
MHz
SR
Slewrate
400
V/µs
TSTL
Settling time to 1%
15
ns
GBWP
Gain bandwidth product
200
MHz
VREFBW(-3dB)
VREF -3dB Bandwidth
130
MHz
VREFSR
VREF Slewrate
100
V/µsec
dG
Differential gain at 3.58MHz
0.2
%
d
Differential phase at 3.58MHz
0.2
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com