Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2125CSZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL2125CSZ
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2125CSZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL2125CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 12Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 13Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 14Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 15Page - Renesas Technology Corp EL2125CSZ Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EL2125
FN7045 Rev 3.00
Page 12 of 16
May 4, 2007
FIGURE 47. LOADED POSITIVE OUTPUT SWING vs
TEMPERATURE
FIGURE 48. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 49. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
12
11.8
11.6
11.4
11.2
11
-50
DIE TEMPERATURE (°C)
0
100
150
50
VS = ±15V
1.2
0.6
0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
1
0.4
0.8
0.2
100
50
85
488mW
781mW
SO8
JA=160°C/W
SOT23-5
JA=256°C/W
1.8
0.8
0
1.6
0.4
1.2
0.2
0.6
1.4
1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
AMBIENT TEMPERATURE (°C)
25
125
150
75
100
50
85
543mW
1.136W
SO8
JA=110°C/W
SOT23-5
JA=230°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com