Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2228CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL2228CS
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2228CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL2228CS Datasheet HTML 1Page - Renesas Technology Corp EL2228CS Datasheet HTML 2Page - Renesas Technology Corp EL2228CS Datasheet HTML 3Page - Renesas Technology Corp EL2228CS Datasheet HTML 4Page - Renesas Technology Corp EL2228CS Datasheet HTML 5Page - Renesas Technology Corp EL2228CS Datasheet HTML 6Page - Renesas Technology Corp EL2228CS Datasheet HTML 7Page - Renesas Technology Corp EL2228CS Datasheet HTML 8Page - Renesas Technology Corp EL2228CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL2228
FN7008 Rev 2.00
Page 2 of 12
May 3, 2007
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified
temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+28V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.3V, VS +0.3V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
ESD Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +12V, VS- = -12V, RL = 500and CL = 3pF to 0V, RF = 420 and TA = +25°C Unless Otherwise
Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
0.2
3
mV
TCVOS
Average Offset Voltage Drift
Measured over operating temperature range
-4
µV/°C
IB
Input Bias Current
VCM = 0V
-9
-4.5
-1
µA
RIN
Input Impedance
8M
CIN
Input Capacitance
1pF
CMIR
Common-Mode Input Range
-11.8
+10.4
V
CMRR
Common-Mode Rejection Ratio
for VIN from -11.8V to +10.4V
60
90
dB
for VIN from -10V to +10V
60
75
dB
AVOL
Open-Loop Gain
-5V
VOUT 5V
60
75
dB
eN
Voltage Noise
f = 100kHz
4.9
nV/
Hz
iN
Current Noise
f = 100kHz
1.2
pA/
Hz
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
RL = 500
-10.3
-10
V
RL = 250
-9.5
-9
V
VOH
Output Swing High
RL = 500
10
10.3
V
RL = 250
9.5
10
V
ISC
Short Circuit Current
RL = 10
140
180
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±10.8V to ±13.2V
65
83
dB
IS
Supply Current (per Amplifier)
No load
4
5
6
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 1)
±2.5V square wave, measured 25% to 75%
44
65
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
50
ns
BW
-3dB Bandwidth
80
MHz
HD2
2nd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500, AV = 2
-86
dBc
f = 1MHz, VO = 2VP-P, RL = 150, AV = 2
-79
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VO = 2VP-P, RL = 500, AV = 2
-93
dBc
f = 1MHz, VO = 2VP-P, RL = 150, AV = 2
-70
dBc
NOTE:
1. Slew rate is measured on rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com