Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2228CSZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL2228CSZ
Description  Dual Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2228CSZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL2228CSZ Datasheet HTML 4Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 5Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 6Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 7Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 8Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 9Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 10Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 11Page - Renesas Technology Corp EL2228CSZ Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
FN7008 Rev 2.00
Page 12 of 12
May 3, 2007
EL2228
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002-2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Mini SO Package Family (MSOP)
1
(N/2)
(N/2)+1
N
PLANE
SEATING
N LEADS
0.10 C
PIN #1
I.D.
E1
E
b
DETAIL X
3° ±3°
GAUGE
PLANE
SEE DETAIL "X"
c
A
0.25
A2
A1
L
0.25
C A B
D
A
M
B
e
C
0.08
C A B
M
H
L1
MDP0043
MINI SO PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
NOTES
MSOP8
MSOP10
A1.10
1.10
Max.
-
A1
0.10
0.10
±0.05
-
A2
0.86
0.86
±0.09
-
b
0.33
0.23
+0.07/-0.08
-
c0.18
0.18
±0.05
-
D
3.00
3.00
±0.10
1, 3
E4.90
4.90
±0.15
-
E1
3.00
3.00
±0.10
2, 3
e0.65
0.50
Basic
-
L0.55
0.55
±0.15
-
L1
0.95
0.95
Basic
-
N
8
10
Reference
-
Rev. D 2/07
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are
not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com