Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2250CS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL2250CS Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL2250CS Datasheet HTML 1Page - Renesas Technology Corp EL2250CS Datasheet HTML 2Page - Renesas Technology Corp EL2250CS Datasheet HTML 3Page - Renesas Technology Corp EL2250CS Datasheet HTML 4Page - Renesas Technology Corp EL2250CS Datasheet HTML 5Page - Renesas Technology Corp EL2250CS Datasheet HTML 6Page - Renesas Technology Corp EL2250CS Datasheet HTML 7Page - Renesas Technology Corp EL2250CS Datasheet HTML 8Page - Renesas Technology Corp EL2250CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
EL2250, EL2450
FN7061 Rev 3.00
Page 2 of 15
May 19, 2006
Pinouts
EL2250C
(8 LD SO, PDIP)
TOP VIEW
EL2450
(14 LD SO, PDIP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
-
+
A
B
OUTA
INA-
INA+
GND
VS+
OUTB
INB-
INB+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUTA
INA-
INA+
VS+
OUTD
IND-
IND+
GND
INB+
INB-
OUTB
INC+
INC-
OUTC
-+
-
+
-+
-
+
BC
AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com