Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4332CSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4332CSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL4332CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 9Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 10Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 11Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
EL4332
FN7163 Rev 2.00
Page 8 of 15
October 4, 2004
Applications Information
Figure 26 shows a typical use for the EL4332. The circuit is a
component video (R,G, B or Y,U,V) multiplexer. Since the gain
of the internal amplifiers has been set to 2, the only extra
components needed are the supply decoupling capacitors and
the back terminating resistors, if transmission lines are to be
driven. The EL4332 can drive backmatched 50
 or 75 loads.
Grounds
It will be noticed that each mux-amp channel has its own
separate ground pin. These ground pins have been kept
separate to keep the channel separation inside the chip as
large as possible. The feedback resistors use these ground
pins as their reference. The resistors total 400
, so there is a
significant signal current flowing from these pins to ground.
The ground pins should all be connected together, to a ground
plane underneath the chip. 1 oz. copper for the ground plane is
highly recommended.
Further notes and recommended practices for high speed
printed circuit board layout can be found in the tutorials in the
Elantec databooks.
Supplies
Supply bypassing should be as physically near the power pins
as possible. Chip capacitors should be used to minimize lead
inductance. Note that larger values of capacitor tend to have
larger internal inductances. So when designing for 3
transmission lines or similar moderate loads, a 0.1µF ceramic
capacitor right next to the power pin in parallel with a 22µF
tantalum capacitor placed as close to the 0.1µF is
recommended. For lighter loadings, or if not all the channels
are being used, a single 4.7µF capacitor has been found quite
adequate.
Note that component video signals do tend to have a high level
of signal correlation. This is especially true if the video signal
has been derived from 3 synchronously clocked DACs. This
corresponds to all three channels drawing large slew currents
simultaneously from the supplies. Thus, proper bypassing is
critical.
FIGURE 26. TYPICAL CONNECTION FOR A 2:1 COMPONENT VIDEO MULTIPLEXER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com