Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2185A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3P2185A
Description  EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2185A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2185A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2185A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2185A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2185A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2185A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2185A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2185A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
November 2003
ASM3P2185A
rev 1.1
EMI Reduction IC
2 of 7
Notice: The information in this document is subject to change without notice.
1
2
3
4
5
6
7
8
ASM3P2185A
XIN
XOUT
GND
SS%
ModOUT
VDD
NC
NC
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Crystal connection or external reference frequency input. This pin has dual
functions. It can be connected to either an external crystal or an external
reference clock.
2
XOUT
I
Crystal connection. Input connection for an external crystal. If using an
external reference, this pin must be left unconnected.
3
GND
P
Ground to entire chip.
4
SS%
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Power supply for the entire chip (3.3V).
7
NC
No Connect.
8
NC
No Connect.
Spread Deviation Selection Table
SS% (pin 4)
Spread Deviation (%)
0
- 1.25
1
± 0.6%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com