Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-ASG101-2000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EB-ASG101-2000
Description  DC-3000 MHz SiGe HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EB-ASG101-2000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EB-ASG101-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-ASG101-2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
www.ASB.co.kr
March. 2004
ASG101
600
700
800
900
1000
1100
1200
10
15
20
25
30
35
+ 85 ΒC
+ 25 ΒC
- 40 ΒC
600
700
800
900
1000
1100
1200
-35
-30
-25
-20
-15
-10
-5
0
+ 85 ΒC
+ 25 ΒC
- 40 ΒC
Output P1 vs. Frequency
Output IP3 vs. Frequency
(Pout per tone = 5 dBm)
Output IP3 vs. Tone Power
800
850
900
950
1000
10
12
14
16
18
20
22
24
26
Frequency (MHz)
+ 85ΒC
+ 25ΒC
- 40ΒC
800
820
840
860
880
900
920
940
25
30
35
40
45
50
+ 85ΒC
+ 25ΒC
- 40ΒC
234
5
678
9
25
30
35
40
45
50
Frequency = 900 MHz
+ 85ΒC
+ 25ΒC
- 40ΒC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com