Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3170 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF3170
Description  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3170 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF3170 Datasheet HTML 1Page - ON Semiconductor FDMF3170 Datasheet HTML 2Page - ON Semiconductor FDMF3170 Datasheet HTML 3Page - ON Semiconductor FDMF3170 Datasheet HTML 4Page - ON Semiconductor FDMF3170 Datasheet HTML 5Page - ON Semiconductor FDMF3170 Datasheet HTML 6Page - ON Semiconductor FDMF3170 Datasheet HTML 7Page - ON Semiconductor FDMF3170 Datasheet HTML 8Page - ON Semiconductor FDMF3170 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3170
Rev. 1.2
3
Pin Configuration
VCC
GL
PGND
GL
1
2
3
4
5
8
9
12
11
10
13
16
28
25
26
27
Top View
PVCC
PGND
5.0mm
PGND
PGND
VIN
VIN
VIN
VIN
VIN
AGND
PGND
PGND
PGND
PGND
PGND
6
7
17
18
19
14
15
20
21
22
23
24
29
30
31
32
33
34
35
36
37
38
39
VOS
40
41
Figure 3.
Pin Configuration
Pin Description
Pin #
Name
Function
1
VOS
VR output voltage sensing pin for pre-OVP protection. Leave it floating if not used.
2
AGND
Analog Ground for the analog portions of the IC and for substrate.
3
VCC
Power Supply input for all analog control functions.
4
PVCC
Power Supply input for LS Gate Driver and Boot Diode.
5, 40
PGND
Reserved for PVCC de-coupling capacitor return.
6, 41
GL
Low-Side Gate Monitor.
7-9, 20-24
PGND
Power ground connection for Power Stage high current path.
10-19
SW
Switching node junction between high-and low-side MOSFETs.
25-30
VIN
Input Voltage to Power Stage.
31
NC
No connect.
32
PHASE
Return Connection for BOOT capacitor.
33
BOOT
Supply for high-side MOSFET gate driver. A capacitor from BOOT to PHASE supplies
the charge to turn on the n-channel high side MOSFET. During the freewheeling interval
(LS MOSFET on) the high side capacitor is recharged by an internal diode.
34
PWM
PWM input to gate driver IC.
35
EN
EN=LOW disables most blocks inside IC. EN=HIGH enables all blocks inside IC and
requires 4 µs power up time.
36
TMON / FLT
Temperature and FAULT Reporting Pin. Pin sources a (PTAT) voltage of 0.6 V at 0°C
with an 8 mV/°C slope when no module FAULT is present. In the event of a module
FAULT, this pin pulls HIGH to an internal driver IC rail = 3.0 V typical.
37
N/C
No connect. Some second source options require this pin to be connected.
38
IMON
Current monitor output (output is referenced to REFIN)
– 5 µA/A
39
REFIN
Referenced voltage used for IMON feature. DC input voltage supplied by external source
(not generated on SPS driver IC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com