Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF3180 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF3180
Description  Smart Power Stage (SPS) Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3180 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF3180 Datasheet HTML 1Page - ON Semiconductor FDMF3180 Datasheet HTML 2Page - ON Semiconductor FDMF3180 Datasheet HTML 3Page - ON Semiconductor FDMF3180 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2015 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3180
• Rev.1.0
2
Application Diagram
V5V
FDMF3180
PVCC
VCC
VIN
PWM
TMON
BOOT
PHASE
AGND
PGND
SW
EN
VIN
IIN
CVCC
CPVCC
CVIN
VOUT
IOUT
COUT
LOUT
CBOOT
RBOOT
RVCC
IMON
REFIN
RTMON
CTMON
RIMON1
RIMON2
enabled
disabled
PWM Input
IIMON_scaled
N/C
CREFIN
CIMON
REFIN
(from PWM
controller)
Figure 1.
Typical Application Diagram
Functional Block Diagram
BOOT
PVCC
VIN
PWM INPUT
STAGE
STARTUP
(POR)
EN / UVLO
LEVEL
SHIFT
THERMAL
MONITOR
HDRV
LDRV
TMON/
FAULT
VCC
PWM
PHASE
SW
PGND
EN
AGND
GL
PVCC
IMON
REFIN
flag on FAULT
IMON
FAULT
LATCH
3.3V
EN_POR
EN_POR
EN_PWM
EN_PWM
RPWM_UP
RPWM_DOWN
REN_DOWN
FAULT LOGIC
1V/2.4V
EN_POR
VOS
2.8V
Figure 2.
Functional Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com