Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASS355BD Datasheet(PDF) 2 Page - Anachip Corp

Part # ASS355BD
Description  SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ASS355BD Datasheet(HTML) 2 Page - Anachip Corp

  ASS355BD Datasheet HTML 1Page - Anachip Corp ASS355BD Datasheet HTML 2Page - Anachip Corp ASS355BD Datasheet HTML 3Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASS355
SMD Switching Diode
Anachip Corp.
www.anachip.com.tw
Rev. 0.0 Oct 29, 2003
2/3
Maximum Rating (at T
A=25ºC unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRRM
Repetitive peak reverse voltage
-
-
90
V
VR
Reverse voltage
-
-
80
V
IO
Average forward current
-
-
100
mA
0603
-
1000
-
IFSM
Forward current,
surge peak
1005
8.3ms single half sine-wave
superimposed on rate load
(JEDEC method)
-
1000
-
mA
0603
-
-
150
PD
Power Dissipation
1005
-
-
300
mW
IFRM
Repetitive peak forward current
-
-
225
mA
TSTG
Storage temperature
-40
-
+125
ºC
Tj
Junction temperature
-40
-
+125
ºC
Electrical Characteristics (at T
A=25ºC unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VF
Forward voltage
IF=100mADC
-
-
1.0
V
IR
Reverse current
VR=80V
-
-
0.1
µA
CT
Capacitance between
terminals
F=1MHz, and 0.5 VDC reverse
voltage
-
3
-
pF
Trr
Reverse recovery time
VR=6V, IF=10mA, RL=50ohms
-
4
-
nS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com