Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4584CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4584CS
Description  Horizontal Genlock, 4FSC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4584CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4584CS Datasheet HTML 1Page - Renesas Technology Corp EL4584CS Datasheet HTML 2Page - Renesas Technology Corp EL4584CS Datasheet HTML 3Page - Renesas Technology Corp EL4584CS Datasheet HTML 4Page - Renesas Technology Corp EL4584CS Datasheet HTML 5Page - Renesas Technology Corp EL4584CS Datasheet HTML 6Page - Renesas Technology Corp EL4584CS Datasheet HTML 7Page - Renesas Technology Corp EL4584CS Datasheet HTML 8Page - Renesas Technology Corp EL4584CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
EL4584
FN7174 Rev 3.00
Page 3 of 15
May 9, 2008
Absolute Maximum Ratings (TA = +25°C)
VCC Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400mW
Oscillator Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36MHz
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VDD = 5V, TA = +25°C unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IDD
VDD = 5V (Note 4)
2
4
mA
VIL Input Low Voltage
1.5
V
VIH Input High Voltage
3.5
V
IIL Input Low Current
All inputs except COAST, VIN = 1.5V
-100
nA
IIH Input High Current
All inputs except COAST, VIN = 3.5V
100
nA
IIL Input Low Current
COAST pin, VIN = 1.5V
-100
-60
µA
IIH Input High Current
COAST pin, VIN = 3.5V
60
100
µA
VOL Output Low Voltage
Lock Det, IOL = 1.6mA
0.4
V
VOH Output High Voltage
Lock Det, IOH = -1.6mA
2.4
V
VOL Output Low Voltage
CLK, IOL = 3.2mA
0.4
V
VOH Output High Voltage
CLK, IOH = -3.2mA
2.4
V
VOL Output Low Voltage
OSC Out, IOL = 200µA
0.4
V
VOH Output High Voltage
OSC Out, IOH = -200µA
2.4
V
IOL Output Low Current
Filter Out, VOUT = 2.5V
200
300
µA
IOH Output High Current
Filter Out, VOUT = 2.5V
-300
-200
µA
IOL/IOH Current Ratio
Filter Out, VOUT = 2.5V
1.05
1.0
0.95
ILEAK Filter Out
Coast Mode, VDD > VOUT > 0V
-100
±1
100
nA
NOTE:
4. All inputs to 0V, COAST floating.
AC Electrical Specifications
VDD = 5V, TA = +25°C unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCO Gain @ 20MHz
Test circuit 1
15.5
dB
HSYNC S/N Ratio
VDD = 5V (Note 5)
35
dB
Jitter
VCXO oscillator
1
ns
Jitter
LC oscillator (Typ)
10
ns
NOTE:
5. Noisy video signal input to EL4583, HSYNC input to EL4584. Test for positive signal lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com