Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT5556 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT5556
Description  6-CHANNEL DSC MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT5556 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT5556 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AT5556
Preliminary Product Information
6-Channel DSC Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
13
04/12/10
Application reference 4
M_VCC=5V
MCU
1uF
0.1uF
0.1uF
30.1k
5.11k
15k
47k
0.1uF
1.8
GND
IN2A
IN1A
IN2B
IN1B
IN6A
IN5A
IN6B
IN5B
IN4A
IN3A
IN4B
IN3B
PS
VCC
CP1 CP2
CP3
CP4
VG
PVCC
PGND3
OUT1A
OUT1B
OUT2A
OUT2B
PGND1
OUT3A
OUT3B
OUT4A
OUT4B
PGND2
OUT5A
OUT5B
OUT6A
OUT6B
VM1
AT5556
VC2
Vref
VC3
VC1
VC4 RFG1
RFG2
0.1uF
IRIS
AF
Zoom
Shutter
VM2
VM3
47u
PS : H active
L stand-by
M
0.1u
0.1u
Output voltage of charge pump(three times PVCC):
3
PVCC
VG
×
=
Constant voltage :CH1&CH2→
SAT
C
O
V
V
V
−
×
=
5
1
CH3&CH4→
SAT
C
O
V
V
V
−
×
=
5
2
Constant current:CH6→
2
4
RFG
V
I
C
o
/
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com