Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # RMS-2
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMS-2 Datasheet(HTML) 1 Page - Mini-Circuits

  RMS-2 Datasheet HTML 1Page - Mini-Circuits RMS-2 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 7 (LO Power +7 dBm) 5 to 1000 MHz
Frequency Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
1
RF
4
IF
5
GROUND
2,3,6
Outline Drawing
Electrical Specifications
REV. D
M151107
RMS-2+
160701
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
f
L-fU
—
X
σ
Max.
Total
Range
Max.
L
M
U
L
M
U
Typ.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
5-1000 DC-1000 6.67 .26
8.0
9.5
60
40
40
20
25
18
55
30
30
20
20
12
17
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
RMS-2+
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Features
• excellent L-R isolation, 40 dB typ.
• conversion loss, 6.67 dB typ.
• small size, 0.25”x0.31”x0.2”
Applications
• cellular
• GSM
• ISM
1 dB COMP.: +1 dBm typ.
For phase detection, DC output positive with in-phase RF & LO.
Electrical Schematic
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
5.00
35.00
6.93
67.42
57.23
1.35
2.44
10.00
40.00
7.00
66.49
56.87
1.25
2.37
20.00
50.00
6.97
65.94
56.78
1.22
2.52
35.15
65.15
6.92
62.92
55.59
1.22
2.57
50.00
80.00
6.86
60.51
53.87
1.23
2.54
65.30
95.30
6.89
58.52
52.15
1.23
2.49
100.00
70.00
6.84
55.07
48.85
1.22
2.44
155.76
125.76
6.72
52.10
46.19
1.22
2.43
200.00
170.00
6.70
49.75
44.71
1.23
2.36
246.21
216.21
6.75
48.10
43.71
1.23
2.37
306.52
276.52
6.96
45.81
41.99
1.25
2.40
366.82
336.82
6.97
44.49
39.66
1.27
2.39
427.12
397.12
6.99
42.09
37.81
1.30
2.44
500.00
470.00
7.03
39.89
35.06
1.36
2.58
577.88
547.88
7.29
38.51
32.59
1.44
2.74
668.33
638.33
7.63
36.87
29.46
1.56
2.95
758.79
728.79
7.68
34.71
26.72
1.72
3.17
849.24
819.24
7.98
33.07
23.71
1.95
3.58
909.55
879.55
8.51
32.47
22.35
2.13
3.70
1000.00
970.00
8.90
32.02
20.21
2.45
3.80
A
B
C
D
E
F
.250
.31
.20
.100
.050
.055
6.35
7.87
5.08
2.54
1.27
1.40
G
H
J
K
wt
.040
.070
.270
.050
grams
1.02
1.78
6.86
1.27
0.50
Permanent damage may occur if any of these limits are exceeded.
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
CASE STYLE: TT240
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - RMS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMS-25MH MINI-RMS-25MH Datasheet
337Kb / 2P
Frequency Mixer
RMS-25MH+ MINI-RMS-25MH+ Datasheet
337Kb / 2P
Frequency Mixer
RMS-25MHW MINI-RMS-25MHW Datasheet
58Kb / 3P
Frequency Mixer
REV. X2
RMS-25MHW+ MINI-RMS-25MHW+ Datasheet
58Kb / 3P
Frequency Mixer
REV. X2
RMS-2D MINI-RMS-2D Datasheet
271Kb / 2P
Frequency Mixer
More results

Similar Description - RMS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com