Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS-2MH Datasheet(PDF) 2 Page - Mini-Circuits

Part # RMS-2MH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RMS-2MH Datasheet(HTML) 2 Page - Mini-Circuits

  RMS-2MH Datasheet HTML 1Page - Mini-Circuits RMS-2MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
5.00
35.00
6.87
67.46
60.42
1.26
2.23
10.00
40.00
6.71
61.14
54.89
1.16
2.14
20.00
50.00
6.81
55.36
49.28
1.12
2.06
35.15
65.15
6.82
50.90
44.75
1.13
2.13
50.00
80.00
6.86
48.33
42.38
1.13
2.09
65.30
95.30
6.76
46.42
40.39
1.13
2.04
100.00
70.00
6.73
44.03
37.91
1.14
2.02
155.76
125.76
6.54
43.58
37.14
1.15
1.97
200.00
170.00
6.54
42.48
36.16
1.16
1.95
246.21
216.21
6.62
40.92
34.54
1.19
1.98
306.52
276.52
6.76
38.19
31.82
1.23
1.93
366.82
336.82
6.79
34.91
28.84
1.29
2.04
427.12
397.12
6.59
32.18
26.69
1.35
2.09
500.00
470.00
6.52
29.15
24.87
1.44
2.11
577.88
547.88
6.74
26.48
22.60
1.54
2.15
668.33
638.33
7.07
24.41
20.55
1.68
2.21
758.79
728.79
7.37
22.47
18.54
1.82
2.31
849.24
819.24
7.86
20.85
16.52
1.98
2.47
909.55
879.55
8.30
19.83
15.54
2.18
2.56
1030.00
970.00
8.73
19.01
14.41
2.43
2.61
Performance Charts
RMS-2MH
CONVERSION LOSS
5.0
6.0
7.0
8.0
9.0
10.0
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
at IF Freq of 30 MHz
RMS-2MH
L-R ISOLATION
10
20
30
40
50
60
70
80
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
RMS-2MH
RF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
RMS-2MH
L-I ISOLATION
0
10
20
30
40
50
60
70
80
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
RMS-2MH
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
RMS-2MH
IF VSWR
1.0
1.2
1.4
1.6
1.8
2.0
5
204
403
602
801
1000
FREQUENCY (MHz)
LO=+10 dBm
LO=+13 dBm
LO=+16 dBm
RMS-2MH+
RMS-2MH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com