Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAST2012YA0-AM Datasheet(PDF) 13 Page - Everlight Electronics Co., Ltd

Part # EAST2012YA0-AM
Description  RoHS compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012YA0-AM Datasheet(HTML) 13 Page - Everlight Electronics Co., Ltd

Back Button EAST2012YA0-AM Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 11Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 12Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 13Page - Everlight Electronics Co., Ltd EAST2012YA0-AM Datasheet HTML 14Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-08-04 14:16:36.0
DATASHEET
SMD  B
EAST2012YA0-AM
13 Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date :30-Nov-2009 .Issue No:
DSE-0011808
www.everlightamericas.com
(B) Recommend soldering pad
Note: Tolerances unless mentioned ±0.1mm. Unit = mm
2. Current limiting
A resistor should be used to limit current spikes that can be caused by voltage fluctuations. Otherwise
damage could occur.
3. Storage
3.1 Do not open moisture proof bag before the products are ready to use.
3.2 After opening the package: The LEDs should be kept at 30℃ or less and 60%RH or less.
3.3 The LEDs should be used within 168 hours (7days) after opening the package .
If unused LEDs remain, it should be stored in moisture proof packages.
3.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
4. Iron Soldering
Hand soldering is not recommended for regular production. These guidelines are for rework only. Soldering
iron tip should contact each terminal no more than 3 sec at 350℃, using soldering iron with nominal power
less than 25W. Allow min. 2 sec. between soldering intervals.
5. Usage
Do not exceed the values given in this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com