Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C16005 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16005
Description  Asymmetric IESNA Type I (short) beam designed for tilted poles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16005 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16005 Datasheet HTML 1Page - Ledil, Inc. C16005 Datasheet HTML 2Page - Ledil, Inc. C16005 Datasheet HTML 3Page - Ledil, Inc. C16005 Datasheet HTML 4Page - Ledil, Inc. C16005 Datasheet HTML 5Page - Ledil, Inc. C16005 Datasheet HTML 6Page - Ledil, Inc. C16005 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C16005_STRADELLA-8-T1-A
STRADELLA-8-T1-A
Asymmetric
IESNA
Type
I
(short)
beam
designed for tilted poles. Suitable for Indian
EESL specification.
TECHNICAL SPECIFICATIONS:
Dimensions
49.5x49.5 mm
Height
5.3 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
6.2 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-8-T1-A
Lens
PMMA
clear
Last update: 12/09/2017
Subject to change without prior notice
1/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C16005

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
C1600 SWITCH-C1600 Datasheet
57Kb / 1P
TT-Jax (.173) JACK PANELS
logo
Ledil, Inc.
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results

Similar Description - C16005

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16373 LEDIL-C16373 Datasheet
1Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles. Suitable for Indian EESL specification
C16006 LEDIL-C16006 Datasheet
3Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16051 LEDIL-C16051 Datasheet
4Mb / 7P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16220 LEDIL-C16220 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles
C16414 LEDIL-C16414 Datasheet
3Mb / 6P
Asymmetric IESNA Type I (short) beam designed for tilted poles.
C13471 LEDIL-C13471 Datasheet
1Mb / 4P
Symmetric IESNA Type I (medium) beam
CS16575 LEDIL-CS16575 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
CS16579 LEDIL-CS16579 Datasheet
6Mb / 4P
Asymmetric IESNA Type I (short) beam
C16395 LEDIL-C16395 Datasheet
2Mb / 3P
Symmetric IESNA Type I (medium) beam
C16045 LEDIL-C16045 Datasheet
2Mb / 5P
Asymmetric IESNA Type I (short) beam designed for tilted poles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com