Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS14145 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS14145
Description  Universal road lighting (typically IESNA Type III medium) beam with excellent mixed illuminance and luminance uniformity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14145 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS14145 Datasheet HTML 1Page - Ledil, Inc. CS14145 Datasheet HTML 2Page - Ledil, Inc. CS14145 Datasheet HTML 3Page - Ledil, Inc. CS14145 Datasheet HTML 4Page - Ledil, Inc. CS14145 Datasheet HTML 5Page - Ledil, Inc. CS14145 Datasheet HTML 6Page - Ledil, Inc. CS14145 Datasheet HTML 7Page - Ledil, Inc. CS14145 Datasheet HTML 8Page - Ledil, Inc. CS14145 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CS14145_STRADA-IP-2X6-DWC-90
STRADA-IP-2X6-DWC-90
Universal road lighting (typically IESNA Type III
medium) beam with excellent mixed illuminance
and luminance uniformity. Variant with beam
direction rotated 90°.
TECHNICAL SPECIFICATIONS:
Dimensions
71.4x173 mm
Height
9 mm
Fastening
screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
7.3 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-IP-2X6-DWC-90
Lens array
PMMA
clear
2X6-SEAL25
Seal
Silicone
white
Last update: 14/05/2018
Subject to change without prior notice
1/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS14145

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS14145 LEDIL-CS14145 Datasheet
2Mb / 39P
Strada Assembly
More results

Similar Description - CS14145

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15189 LEDIL-FN15189 Datasheet
7Mb / 7P
Universal road lighting (IESNA Type II Medium) beam with excellent mixed illuminance and luminance uniformity
C12449 LEDIL-C12449 Datasheet
3Mb / 5P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
C13140 LEDIL-C13140 Datasheet
3Mb / 4P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
CS12862 LEDIL-CS12862_18 Datasheet
7Mb / 12P
Universal road lighting (IESNA Type II medium) beam with excellent mixed illuminance and luminance uniformity.
CS15055 LEDIL-CS15055 Datasheet
7Mb / 6P
Universal road lighting (typically IESNA Type III medium) beam
C12362 LEDIL-C12362 Datasheet
5Mb / 26P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity
CA12889 LEDIL-CA12889 Datasheet
1Mb / 8P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity
CS16925 LEDIL-CS16925 Datasheet
3Mb / 7P
Universal road lighting beam with excellent mixed illuminance
FP14825 LEDIL-FP14825 Datasheet
3Mb / 9P
Universal road lighting beam with excellent mixed illuminance and luminance uniformity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com