Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS15689 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS15689
Description  Beam with wide light distribution and good illuminance uniformity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS15689 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS15689 Datasheet HTML 1Page - Ledil, Inc. CS15689 Datasheet HTML 2Page - Ledil, Inc. CS15689 Datasheet HTML 3Page - Ledil, Inc. CS15689 Datasheet HTML 4Page - Ledil, Inc. CS15689 Datasheet HTML 5Page - Ledil, Inc. CS15689 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
CS15689_STRADA-IP-2X6-FW
STRADA-IP-2X6-FW
Beam with wide light distribution and good
illuminance
uniformity
for
residential
street
lighting and staggered pole setups
TECHNICAL SPECIFICATIONS:
Dimensions
173x71.4 mm
Height
12.4 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 247 mm
Box weight
7.4 kg
Quantity in Box
120 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-IP-2X6-FW
Lens
PMMA
clear
2X6-SEAL25
Seal
Silicone
white
Last update: 11/05/2018
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CS15689

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
Strada series
logo
Ledil, Inc.
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
More results

Similar Description - CS15689

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13500 LEDIL-C13500 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11819 LEDIL-CA11819 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
Beam with wide light distribution and good illuminance uniformity
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
Beam with wide light distribution and good illuminance uniformity
C11818 LEDIL-C11818 Datasheet
1Mb / 4P
Soft wide beam with good illuminance uniformity
C11891 LEDIL-C11891 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11892 LEDIL-CA11892 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity.
2FA11993 LEDIL-2FA11993 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
Soft wide beam with good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
Beam with wide light distribution and good illuminance uniformity
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com