Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EAST2012BA4 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAST2012BA4
Description  Compatible with automatic placement equipment.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012BA4 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAST2012BA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012BA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LifecyclePhase:Developing()
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2015-03-19 13:12:05.0
DATASHEET
SMD  B
EAST2012BA4
4
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : Mar 18,2015.
Issue No: DSE-0012963
www.everlightamericas.com
Bin Range of Luminous Intensity
Bin Code
Min.
Max.
Unit
Condition
R2
140.0
180.0
mcd
IF =20mA
S1
180.0
225.0
S2
225.0
285.0
Bin Range Of Dom. Wavelength
Bin Code
Min.
Max.
Unit
Condition
A9
464.5
467.5
nm
IF =20mA
A10
467.5
470.5
A11
470.5
473.5
A12
473.5
476.5
Bin Range Of Forward Voltage
Bin Code
Min.
Max.
Unit
Condition
10
2.70
2.90
V
IF =20mA
11
2.90
3.10
12
3.10
3.30
13
3.30
3.50
14
3.50
3.70
Note:
1.Tolerance of Luminous Intensity: ±11%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com