Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97656 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL97656
Description  Step-Up Regulator with 4A Integrated Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97656 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL97656 Datasheet HTML 1Page - Renesas Technology Corp ISL97656 Datasheet HTML 2Page - Renesas Technology Corp ISL97656 Datasheet HTML 3Page - Renesas Technology Corp ISL97656 Datasheet HTML 4Page - Renesas Technology Corp ISL97656 Datasheet HTML 5Page - Renesas Technology Corp ISL97656 Datasheet HTML 6Page - Renesas Technology Corp ISL97656 Datasheet HTML 7Page - Renesas Technology Corp ISL97656 Datasheet HTML 8Page - Renesas Technology Corp ISL97656 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ISL97656
FN6439 Rev 6.00
Page 2 of 9
July 19, 2012
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Terminal Voltage with Respect to GND:
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
LX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26V
COMP, FB, EN, SS, FREQ to GND. . . . . . . . . . . . . . . . .-0.3V to (VIN +0.3V)
Maximum Continuous Junction Temperature . . . . . . . . . . . . . . . . . .+135°C
ESD Rating (JEDEC)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.2kV
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
10 Ld TDFN Package (Notes 4, 5) . . . . . . .
53
3
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VIN = 3V, VOUT = 12V, IOUT = 0mA, FREQ = GND, TA = -40°C to +85°C, unless otherwise specified. Boldface
limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
IDD-SHDN
Shutdown Supply Current
EN = 0V
0.1
5
µA
IDD-STDBY
Standby Supply Current
EN = VIN, FB = 1.3V
0.7
mA
IDD-ACTIVE
Active Supply Current
EN = VIN, FB = 1.0V
3
5
mA
VFB
Feedback Voltage
1.22
1.24
1.26
V
IDD-FB
Feedback Input Bias Current
0.01
0.5
µA
VIN
Input Voltage Range
2.2
6.0
V
DMAX - 640kHz Maximum Duty Cycle
FREQ = 0V
85
92
%
DMAX - 1.2MHz Maximum Duty Cycle
FREQ = VIN
85
90
%
ILIM
Current Limit - Max Peak Input Current
3.8
4.0
5.1
A
IEN
EN pin Input Bias Current
EN = 0V
0.01
0.5
µA
rDS(ON)
Switch ON Resistance
VIN = 2.7V, ILX = 1A
0.12
Ω
ILX-LEAK
Switch Leakage Current
VSW = 26V
0.01
3
µA
VOUT/VIN
Line Regulation
2.2V < VIN < 5.5V, VOUT = 12V
0.2
%
VOUT/IOUT
Load Regulation
VIN = 3.3V, VOUT = 12V, IO = 30mA to 200mA
0.3
%
FOSC1
Switching Frequency Accuracy
FREQ = 0V
500
640
740
kHz
FOSC2
Switching Frequency Accuracy
FREQ = VIN
1000
1220
1500
kHz
VIL
EN, FREQ pin Input Low Level
0.5
V
VIH
EN, FREQ pin Input High Level
1.5
V
gM
Error Amp Tranconductance
70
130
250
µA/V
VINUVLO
VIN UVLO Threshold rising
2.00
2.10
2.20
V
VINUVLO-HYST
VIN UVLO Hysteresis
50
mV
ISS
Soft-Start Charge Current
2.5
4.5
7.5
µA
TOTP
Over-Temperature Protection
150
°C
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com