Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CDT02
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CDT02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CDT02 Datasheet HTML 1Page - List of Unclassifed Manufacturers CDT02 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aluminum Electrolytic Capacitors
Extremely High Ripple Current
CDT02
Series
Extremely high ripple current
High reliability withstanding 3000 hours load life at 105
Suited for electronic ballast circuits
Specifications
Item
Characteristics
Operating Temperature Range
-25
+105
Rated Voltage Range
160V
400V
Nominal Capacitance Range
1.0£ g
F
100£ g
F
Capacitance Tolerance
M (
20%); Q (-10%
+30%)
(20
120Hz)
Leakage Current
I
0.02CRUR (£ g
A)
CR: Nominal capacitance (£ g
F)
UR: Rated voltage(V)
(20
, after 5 minutes)
Dissipation Factor (Max)
tan
0.12
(20
120Hz)
Low Temperature Stability
(Impedance Ratio)
Z(-25
)/Z(+20
)
7
(120Hz)
Load Life
After 3000 hours’ application of rated voltage with rated ripple current at 105
,the
capacitor shall meet the following requirement:
Capacitance change
Within
20% of the initial value.
Dissipation factor
Not more than 200% of the initial specified value.
Leakage current
Not more than the initial specified value.
Shelf Life
After storage for 1000 hours at +105 , the capacitors shall meet the requirement of load life above.
Rated Ripple Current &
Frequency Multipliers
Frequency
50Hz
120Hz
300Hz
1kHz
10kHz
100kHz
Multiplier
0.3
0.5
0.6
0.8
0.9
1.0
Rated Ripple Current &
Temperature Multipliers
Temperature
+50
+70
+85
+105
Multiplier
2.1
1.8
1.4
1.0
Dimensions
(mm)
D 1.0
6.3
8
10
12.5
16
18
L
12
12
16
16
20
20
25
25
31.5
35.5
35.5
40
F 0.5
2.5
3.5
5.0
7.5
d 0.1
0.5
0.6
0.8
1.5
2.0


Similar Part No. - CDT02

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CDT-10MX FOTEK-CDT-10MX Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-10MX-M12 FOTEK-CDT-10MX-M12 Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-10MXB FOTEK-CDT-10MXB Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-10MXB-M12 FOTEK-CDT-10MXB-M12 Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CDT-6MX-V FOTEK-CDT-6MX-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
More results

Similar Description - CDT02

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com