Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV116WS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV116WS
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV116WS Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV116WS Datasheet HTML 1Page - Diodes Incorporated BAV116WS Datasheet HTML 2Page - Diodes Incorporated BAV116WS Datasheet HTML 3Page - Diodes Incorporated BAV116WS Datasheet HTML 4Page - Diodes Incorporated BAV116WS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV116WS
Document number: DS35981 Rev. 4 - 2
3 of 5
www.diodes.com
January 2017
© Diodes Incorporated
BAV116WS
0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
Fig. 1 Power Derating Curve, Total Package
A
Note 5
50
100
150
200
250
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.01
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
f=1MHz
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90 100
VR, REVERSE VOLTAGE (V)
Fig.3 Typical Reverse Characteristics
25℃
85℃
70℃
125℃
(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com