Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8302 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL8302
Description  500MHz Rail-to-Rail Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8302 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL8302 Datasheet HTML 6Page - Renesas Technology Corp EL8302 Datasheet HTML 7Page - Renesas Technology Corp EL8302 Datasheet HTML 8Page - Renesas Technology Corp EL8302 Datasheet HTML 9Page - Renesas Technology Corp EL8302 Datasheet HTML 10Page - Renesas Technology Corp EL8302 Datasheet HTML 11Page - Renesas Technology Corp EL8302 Datasheet HTML 12Page - Renesas Technology Corp EL8302 Datasheet HTML 13Page - Renesas Technology Corp EL8302 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EL8302
FN7348 Rev 2.00
Page 11 of 14
May 6, 2005
a negative going pulse, we can chop it off. Figure 31 shows a
gain of 2 connections for EL8302. Figure 32 shows the
complete input video signal applied at the input, as well as the
output signal with the negative going sync pulse removed.
MULTIPLEXER
Besides the normal power down usage, the ENABLE pin of the
EL8302 can be used for multiplexing applications. Figure 33
shows two channels with the outputs tied together, driving a
back terminated 75
 video load. A 2VP-P 2MHz sine wave is
applied to Amp A and a 1VP-P 2MHz sine wave is applied to
Amp B. Figure 34 shows the ENABLE signal and the resulting
output waveform at VOUT. Observe the break-before-make
operation of the multiplexing. Amp A is on and VIN1 is passed
through to the output when the ENABLE signal is low and turns
off in about 25ns when the ENABLE signal is high. About
200ns later, Amp B turns on and VIN2 is passed through to the
output. The break-before-make operation ensures that more
than one amplifier isn’t trying to drive the bus at the same time.
SINGLE SUPPLY VIDEO LINE DRIVER
The EL8302 is wideband rail-to-rail output op amplifiers with
large output current, excellent dG, dP, and low distortion that
allow them to drive video signals in low supply applications.
Figure 35 is the single supply non-inverting video line driver
configuration and Figure 36 is the inverting video ling driver
configuration. The signal is AC coupled by C1. R1 and R2 are
used to level shift the input and output to provide the largest
output swing. RF and RG set the AC gain. C2 isolates the
virtual ground potential. RT and R3 are the termination
resistors for the line. C1, C2 and C3 are selected big enough to
minimize the droop of the luminance signal.
FIGURE 31. SYNC PULSE REMOVER
5V
1K
VOUT
VIN
75
+
-
75
1K
75
VS+
VS-
FIGURE 32. VIDEO SIGNAL
1V
0.5V
0V
1V
0.5V
0V
M = 10µs/DIV
VOUT
VIN
FIGURE 33. TWO TO ONE MULTIPLEXER
+2.5V
1K
2MHz
75
+
-
1K
75
-2.5V
VOUT
75
1VP-P
B
+2.5V
1K
2MHz
+
-
1K
75
-2.5V
2VP-P
A
ENABLE
FIGURE 34.
0V
-0.5V
-1.5V
-2.5V
1V
0V
M = 50ns/DIV
A
ENABLE
B
-1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com