Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55183ECMZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HC55183ECMZ
Description  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 10Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 11Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 12Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 13Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 14Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 15Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 16Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 13 of 19
August 10, 2010
approximately 2.4VP-P . The low signal levels are compatible
with the output voltage range of the CODEC. The digital nature
of the CODEC ideally suits it for the function of programmable
ringing generator. See Applications.
Logic Control
Ringing patterns consist of silent intervals. The ringing to silent
pattern is called the ringing cadence. During the silent portion
of ringing, the device can be programmed to any other
operating mode. The most likely candidates are low power
standby or forward active. Depending on system requirements,
the low or high battery may be selected.
Loop supervision is provided with the ring trip detector. The ring
trip detector senses the change in loop current when the phone is
taken off hook. The loop detector full wave rectifies the ringing
current, which is then filtered with external components RRT and
CRT. The resistor RRT sets the trip threshold and the capacitor
CRT sets the trip response time. Most applications will require a
trip response time less than 150ms.
Three very distinct actions occur when the devices detects a
ring trip. First, the DET output is latched low. The latching
mechanism eliminates the need for software filtering of the
detector output. The latch is cleared when the operating mode
is changed externally. Second, the VRS input is disabled,
removing the ring signal from the line. Third, the device is
internally forced to the forward active mode.
Power Dissipation
The power dissipation during ringing is dictated by the load driving
requirements and the ringing waveform. The key to valid power
calculations is the correct definition of average and RMS currents.
The average current defines the high battery supply current. The
RMS current defines the load current.
The cadence provides a time averaging reduction in the peak
power. The total power dissipation consists of ringing power,
Pr, and the silent interval power, Ps.
The terms tR and tS represent the cadence. The ringing
interval is tR and the silent interval is tS . The typical cadence
ratio tR:tS is 1:2.
The quiescent power of the device in the ringing mode is
defined in Equation 34.
The total power during the ringing interval is the sum of the
quiescent power and loading power:
For sinusoidal waveforms, the average current, IAVG, is
defined in Equation 36.
The silent interval power dissipation will be determined by the
quiescent power of the selected operating mode.
Forward Loop Back
Overview
The forward loop back mode (FLB, 101) provides test
capability for the device. An internal signal path is enabled
allowing for both DC and AC verification. The internal 600
terminating resistor has a tolerance of
20%. The device is
intended to operate from only the low battery during this mode.
Architecture
When the forward loop back mode is initiated internal switches
connect a 600
 load across the outputs of the Tip and Ring
amplifiers.
DC Verification
When the internal signal path is provided, DC current will flow
from Tip to Ring. The DC current will force DET low, indicating
the presence of loop current. In addition, the ALM output will
also go low. This does not indicate a thermal alarm condition.
Rather, proper logic operation is verified in the event of a
thermal shutdown. In addition to verifying device functionality,
toggling the logic outputs verifies the interface to the system
controller.
AC Verification
The entire AC loop of the device is active during the forward
loop back mode. Therefore a 4-wire to 4-wire level test
capability is provided. Depending on the transhybrid balance
implementation, test coverage is provided by a one or two step
process.
System architectures which cannot disable the transhybrid
function would require a two step process. The first step would
be to send a test tone to the device while on hook and not in
forward loop back mode. The return signal would be the test
level times the gain RF/RA of the transhybrid amplifier. Since
the device would not be terminated, cancellation would not
occur. The second step would be to program the device to FLB
and resend the test tone. The return signal would be much
PRNG Pr
tr
tr ts
+
--------------
Ps
ts
tr ts
+
--------------
+
=
(EQ. 33)
PrQ

VBH IBHQ
VBL IBLQ
VCC ICCQ
++
=
(EQ. 34)
Pr
PrQ

VBH IAVG
VRMS
2
ZREN RLOOP
+
------------------------------------------
–
+
=
(EQ. 35)
IAVG
2
---

 VRMS
2
ZREN RLOOP
+
------------------------------------------
=
(EQ. 36)
FIGURE 10. FORWARD LOOP BACK INTERNAL TERMINATION
RING AMP
TIP AMP
RING
TIP
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com